Electronic Components Datasheet Search
  English  ▼

X  

TLC2 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # TLC2
Description  UHF Narrow Band FM Low Cost multi channel radio modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TLC2 Datasheet(HTML) 5 Page - Radiometrix Ltd

  TLC2 Datasheet HTML 1Page - Radiometrix Ltd TLC2 Datasheet HTML 2Page - Radiometrix Ltd TLC2 Datasheet HTML 3Page - Radiometrix Ltd TLC2 Datasheet HTML 4Page - Radiometrix Ltd TLC2 Datasheet HTML 5Page - Radiometrix Ltd TLC2 Datasheet HTML 6Page - Radiometrix Ltd TLC2 Datasheet HTML 7Page - Radiometrix Ltd TLC2 Datasheet HTML 8Page - Radiometrix Ltd TLC2 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
TLC2/RLC2 Data Sheet
page 5
Pin description – RLC2
Pin
Name
Function
1
Vcc
DC supply (3.7V to 15V, at 18mA).
2
RSSI
0.5V-2.5V DC level. 60dB dynamic range. 40k
Ω output impedance
3
0V
Ground
4
RXD
Open collector digital data output with internal 47k
Ω pull-up to Vcc
5
AF
600mV pk-pk audio. DC coupled, approx 0.8V bias.
P0/PGM Parallel channel
select, bit 0
True logic (0V = low). Weak pullup to 3.5V
Serial frequency programming / configuration1
P1
Parallel channel
select, bit 1
True logic (0V = low). Weak pullup to 3.5V
P2
Parallel channel
select, bit 2
True logic (0V = low). Weak pullup to 3.5V
P3
Parallel channel
select, bit 3
True logic (0V = low). Weak pullup to 3.5V
Jumper
P4
Parallel channel
select, bit 4
Jumper soldered, P4=0 (Channel 00 – Channel 15 at 50kHz step)
Jumper clear, P4=1 (Channel 16 – Channel 31 at 50kHz step)
NOTES:
1. Serial programming is by a 2400 baud inverted 'RS232' (3V CMOS levels) datastream applied
to the P0 pin. If connection to a true RS232 port is desired, then a suitable inverting level
shifter / buffer (MAX232 or NPN switch transistor) is needed.
2. Parallel channel select is by a 4 pin parallel input (MSB selected by jumper). 3V CMOS levels
should be used.
3. As supplied the frequency table is thus:
ch 0-15
433.875 – 434.625 MHz (50KHz steps)
ch 16-31 433.9 - 434.65 MHz (50KHz steps)
Figure 5: RLC2 footpint (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com