Electronic Components Datasheet Search
  English  ▼

X  

AL-ECF504-AB48 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AL-ECF504-AB48
Description  Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AL-ECF504-AB48 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AL-ECF504-AB48 Datasheet HTML 1Page - Infinite Electronics International, Inc. AL-ECF504-AB48 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Electrical Specifications
Data Line Clamping Voltage
5.4 Volts
Power Line Clamping Voltage
6.5 Volts
Input Connector
USB A Female Bulkhead
Output Connector
USB B Male
Mechanical Specifications
Enclosure Material
Nickel Plated ABS Plastic
Cable Outer Jacket Material
Light Gray PVC
Operating Temperature
-40° C to +50° C
RoHS Compliant
Yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com