Electronic Components Datasheet Search
  English  ▼

X  

SC6003 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC6003
Description  BNC Female Connector Solder Attachment 4 Hole Flange For .047 SR Cable IP 68 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6003 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC6003 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC6003 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC6003 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2014
Configuration
Connector
BNC Female
Electrical Specifications*
Description
Min
Typ
Max
Units
Frequency Range
DC
2
GHz
Impedance
50
Ohms
VSWR
1.09:1
AC DWV
375
Vrms
.
* Values at 25°C, sea level
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.72 in [18.29 mm]
Width/Dia.
0.68 in [17.27 mm]
Height
0.56 in [14.22 mm]
.
Connector
Type
BNC Female
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
BNC Female Connector Solder Attachment 4 Hole
Flange For .047 SR Cable IP 68 Rated
SC6003
DATA SHEET
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Specification: MIL-STD-348
• Interface: .047 SR
• Attachment: Solder/Solder
• Body Style: Straight
• Mount Method: 4 Hole Flange


Similar Part No. - SC6003

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC6003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44887 PASTERNACK-PE44887 Datasheet
385Kb / 3P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188, RG174 IP 67 Rated
PE44888 PASTERNACK-PE44888 Datasheet
418Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount for PE-047SR, PE-SR047FL, PE-SR047AL IP 68 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4011 PASTERNACK-PE4011_16 Datasheet
357Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Turret Terminal
PE4355 PASTERNACK-PE4355_16 Datasheet
353Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com