Electronic Components Datasheet Search
  English  ▼

X  

SC6015 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC6015
Description  BNC Female Bulkhead Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6015 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC6015 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC6015 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC6015 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
BNC female bulkhead connector with crimp/solder attachment for .100 inch,
RG316, RG174, RG188, LMR-100, LMR-100A and LMR-100-FR, part number
SC6015, from Fairview Microwave is in-stock and ships same day. This BNC female
connector operates up to a maximum frequency of 4 GHz and offers good VSWR
of 1.3:1. Fairview’s SC6015 bulkhead BNC connector enables designers to make
external connections on product enclosures, and can be used in a variety of other
rack mount and panel mount applications.
Fairview’s BNC female bulkhead connector SC6015 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Performance by Frequency
.
Description
F1
F2
F3
F4
F5
Units
Frequency Range DC to 3
3 to 4
GHz
VSWR, Max
1.25:1
1.3:1
Mechanical Specifications
Size
Length
1.161 in [29.49 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.0435 lbs [19.73 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
.
Insulation
PTFE
.
Outer Conductor
Brass
Nickel
100 µin minimum
.
SC6015
DATA SHEET
BNC Female Bulkhead Connector Crimp/Solder
Attachment For .100 inch, RG316, RG174, RG188,
LMR-100, LMR-100A, LMR-100-FR Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• BNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• .100 inch, RG316, RG174,
RG188, LMR-100, LMR-100A,
LMR-100-FR Interface Type
• Crimp/Solder Attachment
• Bulkhead
Features:
• Operating Frequency
of 4 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications
• Custom Cable Assemblies


Similar Part No. - SC6015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC601-R ETC1-SC601-R Datasheet
259Kb / 8P
Speech And Music Processor
SC601-RL1 ETC1-SC601-RL1 Datasheet
259Kb / 8P
Speech And Music Processor
logo
Infinite Electronics In...
SC6013 FAIRVIEW-SC6013 Datasheet
27Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC6017 FAIRVIEW-SC6017 Datasheet
32Kb / 1P
- - 0.476"(12.1)MIN 0.500"(12.7) MIN
REV A
More results

Similar Description - SC6015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE45142 PASTERNACK-PE45142 Datasheet
354Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com