Electronic Components Datasheet Search
  English  ▼

X  

U2C00049 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # U2C00049
Description  ADPT, USB 2.0 A-F/A-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

U2C00049 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  U2C00049 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.37
9.4
2X .37
9.4
PIN 1
.66
16.8
1.69
43.0
PVC MOLDED HOOD
WITH 360 FOIL SHIELD
COLOR: BLACK
PIN 1
"J1"
2X, USB 2.0 TYPE A RECEPTACLE
CONTACTS: 30μ INCHES
GOLD PLATING
"J2"
NOTES:
ADAPTER SHALL BE TESTED FOR CONTINUITY.
1.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
2.
WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"J1"
"J2"
1
1
2
2
3
3
4
4
SHELL
SHELL
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
U2C00049
A
U2C00049.SLDDRW
1
1
BZHANG
08/20/2018
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
SPAN
08/20/2018
01/18/2019
A
REV A DRAWING RELEASED
SLI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT, USB 2.0 A-F/A-F
USB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
SLI
COLOR VARIATIONS
MAY OCCUR
08/20/2018
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - U2C00049

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
U2C00040 L-COM-U2C00040 Datasheet
64Kb / 1P
ADPT, USB 2.0 A-M/B-F
08/20/2018
U2C00042 L-COM-U2C00042 Datasheet
70Kb / 1P
ADPT, USB 2.0 A-F/B-M
08/20/2018
U2C00045 L-COM-U2C00045 Datasheet
79Kb / 1P
ADPT USB 2.0 MINI B M TO A F BK
08/25/2021
More results

Similar Description - U2C00049

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Tripp Lite. All Rights ...
UR024-000 TRIPPLITE-UR024-000 Datasheet
169Kb / 2P
Universal Reversible USB 2.0 Adapter (Reversible A to A M/F)
U024-003 TRIPPLITE-U024-003 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 3-ft.
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 16-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com