Electronic Components Datasheet Search
  English  ▼

X  

UAD010MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # UAD010MF
Description  ADPT, USB A-M/B-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

UAD010MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  UAD010MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41.0
1.61
16.2
.64
.463
11.75
MIN.
UAD010MF-OD1
UAD010MF.SLDDRW
A
B
C
C.MCCORMICK
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
6/23/14
8
UAD010MF
A
MAY OCCUR
11
12/20/02
REVISIONS
DESCRIPTION
APPROVED
REV
D.PARHAM
DATE
R.CARRICK
12/20/02
12/20/02
A
DRAWING REPLACES UAD010MF-OD1
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
USB
PROJECTION
ADPT, USB A-M/B-F
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
NOTES:
MATERIAL:
OVERMOLD: PVC, BEIGE
CONTACTS: BRASS
INSULATOR: PBT, UL94V-0, WHITE
FINISH:
SHELL: NICKEL SILVER
CONTACTS: GOLD OVER NICKEL
ELECTRICAL:
CURRENT RATING: 3 AMP
DIELECTRIC STRENGTH: 1000V AC FOR ONE MINUTE
INSULATOR RESISTANCE: 1000Ω MIN AT 500VDC
MISCELLANEOUS:
USB 2.0 COMPLIANT
ADAPTER SHALL BE TESTED FOR CONTINUITY.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"J1"
"P1"
PIN 1
PIN 1
PIN 2
PIN 2
PIN 3
PIN 3
PIN 4
PIN 4
SHELL
SHELL
PIN 1
"J1"
SERIES "B"
USB RECEPTACLE
PIN 1
"P1"
SERIES "A"
USB PLUG


Similar Part No. - UAD010MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
UAD010MF L-COM-UAD010MF Datasheet
64Kb / 1P
OUTLINE DRAWING
12/20/2002
UAD010MF-OD1 L-COM-UAD010MF-OD1 Datasheet
64Kb / 1P
OUTLINE DRAWING
12/20/2002
More results

Similar Description - UAD010MF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-4-15-MA9 WINCHESTER-SD879-4-15-MA9 Datasheet
47Kb / 1P
ADPT, BNC TO SMA, M-F
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com