Electronic Components Datasheet Search
  English  ▼

X  

UAD014MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # UAD014MM
Description  ADPT, USB A-M/A-M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

UAD014MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  UAD014MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USB PLUG
"P2"
SERIES "A"
PIN 1
48.2
1.90
16.0
.63
2X .463
11.75
MIN.
USB PLUG
"P1"
SERIES "A"
PIN 1
WIRING MAP
"P1"
"P2"
PIN 1
PIN 1
PIN 2
PIN 2
PIN 3
PIN 3
PIN 4
PIN 4
SHELL
SHELL
NOTES:
MATERIAL:
OVERMOLD: PVC, BEIGE
CONTACTS: BRASS
INSULATOR: PBT, UL94V-0, WHITE
FINISH:
SHELL: NICKEL SILVER
CONTACTS: GOLD OVER NICKEL
ELECTRICAL:
CURRENT RATING: 3 AMP
DIELECTRIC STRENGTH: 1000V AC FOR ONE MINUTE
INSULATOR RESISTANCE: 1000Ω MIN AT 500VDC
MISCELLANEOUS:
USB 2.0 COMPLIANT
ADAPTER SHALL BE TESTED FOR CONTINUITY.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"P1"
"P2"
PIN 1
PIN 1
PIN 2
PIN 2
PIN 3
PIN 3
PIN 4
PIN 4
SHELL
SHELL
UAD014MM-OD1
A
B
C
C.MCCORMICK
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
DATE
12/20/02
UAD014MM
A
UAD014MM.SLDDRW
11
12/20/02
REVISIONS
DESCRIPTION
APPROVED
REV
D.PARHAM
MAY OCCUR
R.CARRICK
12/20/02
6/23/14
A
DRAWING REPLACES UAD014MM-OD1
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
8
43321
USB
PROJECTION
ADPT, USB A-M/A-M
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - UAD014MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
UAD014MM L-COM-UAD014MM Datasheet
61Kb / 1P
OUTLINE DRAWING
12/20/2002
UAD014MM-OD1 L-COM-UAD014MM-OD1 Datasheet
61Kb / 1P
OUTLINE DRAWING
12/20/2002
More results

Similar Description - UAD014MM

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021001-03 QUALTEK-3021001-03 Datasheet
422Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021013-10 QUALTEK-3021013-10 Datasheet
419Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021019-16 QUALTEK-3021019-16 Datasheet
424Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021025-16 QUALTEK-3021025-16 Datasheet
420Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
logo
Winchester Electronics ...
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com