Electronic Components Datasheet Search
  English  ▼

X  

UAD018MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # UAD018MF
Description  ADPT, USB A-M/MINI DIN 6-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

UAD018MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  UAD018MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.46
11.6
.09
2.2
1.96
49.7
.47
12.0
.39
9.8
.63
16.0
"P1"
6 PIN FEMALE
MINI DIN
"J1"
SERIES A
USB PLUG
PIN 1
PIN 1
DIELECTRIC
.18
4.5
NOTES:
MATERIAL:
INSULATOR: PBT, UL 94V-0
CONTACT: BRASS, GOLD PLATE OVER NICKEL.
HOOD: PVC, LIGHT GRAY.
FINISH:
SHELL: NICKEL SILVER.
MISCELLANEOUS:
CURRENT RATING: 3 AMP
DIELECTRIC STRENGTH: 1000V AC FOR 1 MINUTE.
INSULATOR RESISTANCE: 1000M OHMS MIN AT 500V DC.
WIRING MAP
"J1"
"P1"
1
2
2
N/C
3
4
4
1
5
3
6
N/C
SHELL
SHELL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
UAD018MF
A
UAD018MF.SLDDRW
1
1
D.PARHAM
5/2/08
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
5/5/08
5/5/08
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT, USB A-M/MINI DIN 6-F
USB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.CASTRO
COLOR VARIATIONS
MAY OCCUR
5/2/08
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 / -0
>120 [3048] ≤300 [7620] = +6 / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = .3
.XX = .15


Similar Part No. - UAD018MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
UAD010MF L-COM-UAD010MF Datasheet
67Kb / 1P
ADPT, USB A-M/B-F
12/20/02
UAD010MF L-COM-UAD010MF Datasheet
64Kb / 1P
OUTLINE DRAWING
12/20/2002
UAD010MF-OD1 L-COM-UAD010MF-OD1 Datasheet
64Kb / 1P
OUTLINE DRAWING
12/20/2002
UAD011FM L-COM-UAD011FM Datasheet
69Kb / 1P
SERIES"B" PLUG TO SERIES "A" JACK ADAPTOR
12/17/2002
UAD012FF L-COM-UAD012FF Datasheet
55Kb / 1P
ADPT, USB B-F/B-F
12/20/2002
More results

Similar Description - UAD018MF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-4-15-MA9 WINCHESTER-SD879-4-15-MA9 Datasheet
47Kb / 1P
ADPT, BNC TO SMA, M-F
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com