Electronic Components Datasheet Search
  English  ▼

X  

00212349P Datasheet(PDF) 1 Page - Optronics International

Part # 00212349P
Description  LED Millennium Series 6.5" Sealed LED Marker/Clearance Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

00212349P Datasheet(HTML) 1 Page - Optronics International

  00212349P Datasheet HTML 1Page - Optronics International 00212349P Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LED M1 Series
LED Millennium Series 6.5” Sealed LED
Marker/Clearance Lights
Sealed, waterproof design
Hard wired, includes separate ground wire
Available with .180 male bullets or metripack connector
Choose from light only or kit with chrome bezel
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
00212335P
4
Kit: 4­LED yellow marker/clearance light with
bezel, hard wired (2 yellow wires, non­
polarized), .180 male bullets
10
00212345P
4
Kit: 4­LED yellow marker/clearance light with
bezel, hard wired (2 yellow wires, non­
polarized), metripack connector
10
00212336P
4
Kit: 4­LED clear lens yellow marker/clearance
light with bezel, hard wired (2 yellow wires,
non­polarized), .180 male bullets
10
00212346P
4
Kit: 4­LED clear lens yellow marker/clearance
light with bezel, hard wired (2 yellow wires,
non­polarized), metripack connector
10
00212307B
00212355P
4
4­LED yellow marker/clearance light, hard
wired (2 yellow wires, non­polarized), .180
male bullets
50
00212376B
00212356P
4
4­LED clear lens yellow marker/clearance
light, hard wired (2 yellow wires, non­
polarized), .180 male bullets
50
00212337P
4
Kit: 4­LED red marker/clearance light with
bezel, hard wired (2 red wires, non­
polarized), .180 male bullets
10
00212309B
00212357P
4
4­LED red marker/clearance light, hard wired
(2 red wires, non­polarized), .180 male bullets
50
00212338P
4
Kit: 4­LED clear lens red marker/clearance
light with bezel, hard wired (2 red wires, non­
polarized), .180 male bullets
10
00212349P
4
Kit: 4­LED clear lens red marker/clearance
light with bezel, hard wired (2 yellow wires,
non­polarized), heat shrink on wires, Packard
connector, polypack
10
00212351B
00212351P
DISCONTINUED ­ (see 00212351P) Yellow
marker/clearance light, hard wired (2 black
wires, non­polarized), .180 bullets, 12V
20
00212347P
4
DISCONTINUED ­ Kit: 4­LED red
marker/clearance light with bezel, hard wired
(2 red wires, non­polarized), metripack
connector
10
00212316B
00212367P
4
DISCONTINUED ­ 4­LED red marker/clearance
light, hard wired (2 red wires, non­polarized),
metripack connector
100
00212378B
00212358P
4
DISCONTINUED ­ (see 00212386B) 4­LED
clear lens red marker/clearance light, hard
wired (2 red wires, non­polarized), .180 male
bullets
50
00212386B
00212368P
4
DISCONTINUED ­ 4­LED clear lens red
marker/clearance light, hard wired (2 red
wires, non­polarized), metripack connector
100
00212349B
4
DISCONTINUED ­ Kit: 4­LED clear lens red
marker/clearance light with bezel, hard wired
(2 yellow wires, non­polarized), heat shrink
on wires, Packard connector
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
00212317B
00212327P
M1 Series chrome bezel (polypack case
quantity: 20)
200
Specifications
FMVSS:
P2
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.12A
WT/DIMS:
.132 lbs. / 6.625” x 2.188” x 1”
WARRANTY:
Lifetime LED Warranty


Similar Part No. - 00212349P

ManufacturerPart #DatasheetDescription
logo
Optronics International
00212317B OPTRONICS-00212317B Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
More results

Similar Description - 00212349P

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com