Electronic Components Datasheet Search
  English  ▼

X  

FC6101 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC6101
Description  METAL XLR CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC6101 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC6101 Datasheet HTML 1Page - Electronic Components Ltd. FC6101 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
www.cliffuk.co.uk
üRoHS
©
11/20
.4
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
METAL XLR CONNECTORS
F 6101
C
- 3 PIN FEMALE XLR SOCKET 3ACF/BM
F 6100
C
- 3 PIN FEMALE XLR SOCKET 3ACF/M
F 6120
C
- 4 PIN FEMALE XLR SOCKET 4ACF/M
F 6121
C
- 4 PIN FEMALE XLR SOCKET 4ACF/BM
F 6170
C
- 5 PIN FEMALE XLR SOCKET 5ACF/M
F 6171
C
- 5 PIN FEMALE XLR SOCKET 5ACF/BM
F 6106
C
- 3 PIN MALE XLR SOCKET 3AC /BM
M
F 6105
C
- 3 PIN MALE XLR SOCKET 3AC /M
M
F 6126
C
- 4 PIN MALE XLR SOCKET 4AC /BM
M
F 6125
C
- 4 PIN MALE XLR SOCKET 4AC /BM
M
F 6175
C
- 5 PIN MALE XLR SOCKET 5AC /M
M
F 6176
C
- 5 PIN MALE XLR SOCKET 5AC /BM
M
ACM TYPICAL DIMENSIONS
ACF TYPICAL DIMENSIONS
Our metal series XLR connectors will meet the most severe specifications. All contact parts are
silver plated to give low noise levels. Available in Nickel or Black finish. Large solder bucket
contacts are used to make wiring easy.
FC6187 - 7 PIN FEMALE SOCKET 7ACF/M
FC6185 - 7 PIN MALE SOCKET 7ACM/M


Similar Part No. - FC6101

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC6101 CLIFF-FC6101 Datasheet
212Kb / 2P
BLACK METAL XLR CONNECTORS
FC6101 CLIFF-FC6101 Datasheet
456Kb / 2P
METAL XLR CONNECTORS
More results

Similar Description - FC6101

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
AX SERIES XLR CABLE CONNECTORS
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
TINY xlr Cable Connectors
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
CP30205NM ETC-CP30205NM Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
SINGLE PORT XLR
logo
Neutrik AG
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
3 pole XLR male - 5 pole XLR male (gender conversion adapter)
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
XLR Connector
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
XLR Re ceptacles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com