Electronic Components Datasheet Search
  English  ▼

X  

USBC35MMAD Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USBC35MMAD
Description  INITIAL RELEASE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USBC35MMAD Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USBC35MMAD Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A1
A12
B1
B12
"P2"
USB-C MALE
"P1"
3.5 FEMALE
AUDIO
NOTES:
ELECTRICAL TEST:
1.
a. 100% OPEN SHORT MIS-WIRE TEST.
b. CONTACT RESISTANCE: 5 OHM MAX.
c. INSULATION RESISTANCE: 5M OHM MIN.
d. HI-POT TEST: DC 300V/10ms.
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
07/19/2022
GUTTADAURO
ITEM NO.
N/A
1
1
REV
CAGE CODE
43321
SIZE
SCALE
A
SHEET
OF
DRAWN BY
ALL DIMENSIONS SHOWN
ARE FOR REFERENCE ONLY.
USBC35MMAD
A
50 High Street, West Mill, 3rd Floor, Suite #30
North Andover, MA 01845 USA.
Phone: 1.800.341.5266 │ 1.978.682.6936
Fax: 1.978.689.9484
Website: www.L-com.com
E-mail: CustomerService@L-com.com
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
L-COM GLOBAL CONNECTIVITY.
ALL RIGHTS RESERVED.
T-Rev.D
DZINN
CABLE LENGTH (L) TOLERANCES:
L ≤ 12 [305] = +1 [25] / -0
12 [305] < L ≤ 60 [1524] = +2 [51] / -0
60 [1524] < L ≤ 120 [3048] = +4 [102] / -0
120 [3048] < L ≤ 300 [7620] = +6 [152] / -0
300 [7620] < L = +5%L / -0
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
TOLERANCES:
.XXX = ±.005 [ .13 ]
.02 [ .51 ]
.XX = ±
.X = ±.2 [5.08]
FRACTIONS
± 1/32
ANGLES ± 1
°
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE
WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
THIRD-ANGLE PROJECTION


Similar Part No. - USBC35MMAD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USBC35MMAD-TP L-COM-USBC35MMAD-TP Datasheet
117Kb / 1P
INITIAL RELEASE
07/19/2022
More results

Similar Description - USBC35MMAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPU-9150A ETC2-MPU-9150A Datasheet
3Mb / 52P
Initial Release of Product Specification
logo
Laird Tech Smart Techno...
MSD45N LSTD-MSD45N Datasheet
890Kb / 25P
Initial Release
logo
TE Connectivity Ltd
C-2272229 TEC-C-2272229 Datasheet
138Kb / 1P
INITIAL RELEASE
C-734251 TEC-C-734251 Datasheet
462Kb / 1P
INITIAL RELEASE
C-2834067 TEC-C-2834067 Datasheet
311Kb / 3P
INITIAL RELEASE
logo
CUI INC
AMT-08C-2-036 CUI-AMT-08C-2-036 Datasheet
124Kb / 1P
INITIAL RELEASE
08/18/2020
AMT-14C-0-020-USB CUI-AMT-14C-0-020-USB_V01 Datasheet
132Kb / 1P
initial release
4/15/2020
logo
Times Microwave Systems...
AA-12121 TIMES-AA-12121 Datasheet
156Kb / 1P
Initial Release – CDC 63277
Rev. A Date 11/21/22
logo
Infineon Technologies A...
TLD7002-16SHIELD INFINEON-TLD7002-16SHIELD Datasheet
1Mb / 14P
Initial release
Rev.1.00 2022-07-26
logo
WIZnet Co., Ltd
WIZ550IO WIZNET-WIZ550IO Datasheet
501Kb / 8P
Initial Release
1.0.0 2013-08-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com