Electronic Components Datasheet Search
  English  ▼

X  

VAD010FM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VAD010FM
Description  ADPT, DP F-MINI DP M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VAD010FM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VAD010FM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
4
SHELL
"P1"
1
SHELL
2
MALE CONNECTOR
MINI DISPLAY PORT
13
CE2011/65/EU(RoHS DIRECTIVE)
"P2"
FEMALE CONNECTOR
20
20
WIRE MAP
10
15
19
3
7
9
7
2
5
"P2"
18
10
14
11
17
19
15
17
13
4
12
6
16
8
14
18
6
16
11
5
3
9
1
NOTES:
1. COMPONENT SHALL BE TESTED FOR CONTINUITY.
2. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
"P1"
DISPLAY PORT
12
UNDIMENSIONED FEATURES
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
9/2/14
A
B
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
MAY OCCUR
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
VAD010FM
A
VAD010FM.SLDDRW
11
B.ZHANG
10/16/14
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.PAN
10/16/14
2/5/15
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
DIMENSIONS ARE IN INCHES [mm]
COLOR VARIATIONS
7
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
ADPT, DP F-MINI DP M
AUDIO/VIDEO
PROJECTION
8
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
.30
7.6
PIN 1
PIN 2
PIN 19
PIN 20
PIN 1
PIN 2
PIN 19
PIN 20
MOLDED HOOD
PVC, BLACK
.32
8.1
MIN.
.62
15.7
2.22
56.5
.42
10.6
1.03
26.2


Similar Part No. - VAD010FM

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
VAD0102BDH YANTEL-VAD0102BDH Datasheet
790Kb / 3P
Miniature Variable Attenuator Patent product
VAD0102BDX YANTEL-VAD0102BDX Datasheet
790Kb / 3P
Miniature Variable Attenuator Patent product
VAD0102DH YANTEL-VAD0102DH Datasheet
1,006Kb / 3P
Miniature Variable Attenuator Patent product
VAD0102DX YANTEL-VAD0102DX Datasheet
1,006Kb / 3P
Miniature Variable Attenuator Patent product
More results

Similar Description - VAD010FM

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Schneider Electric
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
TSXPBSCA400 SCHNEIDER-TSXPBSCA400 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 400 m
May 10, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com