Electronic Components Datasheet Search
  English  ▼

X  

VHC00029 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VHC00029
Description  Waterproof HDMI Industrial Coupler W/DST CAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VHC00029 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VHC00029 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.028
26.1
.906+-
.004
.000
23.0+0.1
0.0
.87
22.2
1.44
36.5
1.29
32.8
1.13
28.6
.46
11.6
NOTES:
MATERIAL:
MAIN BODY: PBT + GF, UL94V-0
SHIELDED CASE: BRASS, NICKEL PLATED
COUPLER HOUSING: ABS, UL94V-0
JACK CONTACTS: PHOSPHOR BRONZE,
50µ GOLD PLATED.
PHYSICAL CHARACTERISTICS:
INSERTION LIFE: 10000 MATING CYCLES
CONTACT WITHDRAW FORCE: 10N MIN
PLUG MATING FORCE: 44N MAX.
OPERATING TEMPERATURE RANGE: -10 C TO +60 C.
STORAGE TEMPERATURE RANGE: -20 C TO +80 C.
HUMIDITY: 10% ~ 90% RH
IP RATING: IP67-WHEN DUST CAP IS ENGAGED.
ELECTRICAL:
HDMI: 1.4
INSULATION RESISTANCE:
MATE 100 MΩ MIN 500V/DC
UNMATE: 10 MΩ MIN 150V/DC
DIELECTRIC WITHSTANDING VOLTAGE: 300 V AC.
CONTACT CURRENT RATING: 0.5 A
CONTACT RESISTANCE: 30 MΩ MAX
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
PACKAGING:
ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DUST CAP AND
LANYARD NOT SHOWN
RECOMMENDED
PANEL OPENING
WIRING MAP
J1
J2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
SHELL
SHELL
1.028
26.1
.906+-
.004
.000
23.0+0.1
0.0
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
VHC00029
A
VHC00029.SLDDRW
1
1
ELAMOTT
03/07/2019
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
BGATES
03/07/2019
03/07/2019
A
REV A DRAWING RELEASED
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
Waterproof HDMI Industrial Coupler W/DST CAP
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
03/07/2019
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - VHC00029

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VHC00020 L-COM-VHC00020 Datasheet
75Kb / 1P
HDMI F TO VGA M ADAPTOR
6/13/17
VHC00021 L-COM-VHC00021 Datasheet
56Kb / 1P
HDMI-AF TO HDM-CM
07/11/17
VHC00022 L-COM-VHC00022 Datasheet
54Kb / 1P
HDMI-M-F R/A ADP
07/18/17
VHC00023 L-COM-VHC00023 Datasheet
62Kb / 1P
ADPT, HDMI WATERPROOF CPLR
11/09/17
VHC00024 L-COM-VHC00024 Datasheet
56Kb / 1P
HDMI BENDABLE ADAPTER F-F
09/25/2018
More results

Similar Description - VHC00029

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-WP-COVER1-R ASSMANN-A-WP-COVER1-R Datasheet
212Kb / 1P
MIDDLE SIZE WATERPROOF CAP
A-WP-COVER4 ASSMANN-A-WP-COVER4 Datasheet
87Kb / 1P
Waterproof Cap
logo
Tripp Lite. All Rights ...
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
logo
PowerDynamics, Inc
3352F01010 POWERDYNAMICS-3352F01010 Datasheet
299Kb / 1P
Waterproof RJ45 Coupler (IP68)
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
logo
Tripp Lite. All Rights ...
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P569-000-FF-IND TRIPPLITE-P569-000-FF-IND Datasheet
166Kb / 2P
4K HDMI Coupler with Ethernet (F/F), Industrial High Speed, 4K x 2K (@ 60 Hz), IP67 Rated, Dust Cap
logo
Advantech Co., Ltd.
FPM-215W ADVANTECH-FPM-215W Datasheet
398Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
2-Sep-2019
FPM-215W ADVANTECH-FPM-215W_V01 Datasheet
474Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
17-Jan-2022
logo
EDAC, All Rights Reserv...
694W-SERIES EDAC-694W-SERIES Datasheet
327Kb / 1P
694W Series Waterproof HDMI Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com