Electronic Components Datasheet Search
  English  ▼

X  

VPC00001 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VPC00001
Description  MINI-DP F TO MINI-DP F CONVERTOR (KEYSTONE PANEL MOUNT)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VPC00001 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VPC00001 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.580
14.73
.760
19.30
°
01/19/2021
A
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
FRACTIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BPUCHASKI
VPC00001
B
1
CAD FILE:
09/30/2020
REVISIONS
DESCRIPTION
APPROVED
REV
09/30/2020
1
INITIAL RELEASE
09/30/2020 MBLACKWOOD
B
DATE
ECN 10939 CORRECT CONNECTOR DESCRIPTIONS
MBLACKWOOD
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
CAGE CODE
UNDIMENSIONED FEATURES
(KEYSTONE PANEL MOUNT)
VIDEO
OVERALL CABLE LENGTH TOLERANCE:
DFRISIELLO
MINI-DP F TO MINI-DP F CONVERTOR
UNLESS OTHERWISE SPECIFIED,
09/22/2020
COLOR VARIATIONS
CONFIGURATION DETAILS OF
50 High Street, West Mill,
Phone: 1.800.341.5266
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
>120 [3048] ≤300 [7620] = +6 [152] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
MAY OCCUR
VPC00001.SLDDRW
ANGLES ± 1
± 1/32
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
POLYBAG AND LABELED PER L-COM SPEC LSP-010-2.
NOTES:
1. ELECTRICAL TEST:
(1)- COMPONENT SHALL NOT HAVE ANY OPEN/SHORT, MISWIRING
OR INTERMITTENT FAILURES.
(2)- COMPONENT SHALL BE TESTED FOR CONTINUITY.
(3)- VOLTAGE TEST: DC 300V 10MS;
INSULATION RESISTANCE: 10.0M ohm/min;
CONDUCTOR RESISTANCE: 2.0 ohm/max.
2. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
3. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN A CLEAR
B
2X MINI DISPLAYPORT
FEMALE CONNECTOR
RECOMMENDED
PANEL CUTOUT
P2
20
20
19
19
SS
13
15
14
1
14
13
17
16
17
16
P1
P2
18
18
PIN OUT
10
12
11
1
4
3
2
6
8
7
5
9
P1
15
11
12
2
3
4
5
7
6
8
9
10
PIN 1
.58
14.8
.63
16.0
PIN 1
.38
9.7
.45
11.4
.76
19.2
.31
8.0
.31
8.0
1.32
33.5
.84
21.3


Similar Part No. - VPC00001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VPC00002 L-COM-VPC00002 Datasheet
78Kb / 1P
MINI-DP F TO DP F CONVERTOR (KEYSTONE PANEL MOUNT)
09/22/2020
More results

Similar Description - VPC00001

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4151 NJRC-NJM4151 Datasheet
431Kb / 10P
V-F/F-V CONVERTOR
logo
Tripp Lite. All Rights ...
P13706NDVI TRIPPLITE-P13706NDVI Datasheet
481Kb / 2P
Mini DisplayPort to DVI Adapter, Video Converter for Mac/PC, 1920x1200-1080p (Mini DP to DVI-I M-F),6-in
logo
PHOENIX CONTACT
8419 PHOENIX-8419 Datasheet
192Kb / 12P
Axioline F bus coupler for PROFIBUS DP
logo
Tripp Lite. All Rights ...
A230-001-KP TRIPPLITE-A230-001-KP Datasheet
163Kb / 2P
BNC All-in-One Keystone/Panel Mount Coupler (F/F), 75 Ohms
P169-000-KPA-BK TRIPPLITE-P169-000-KPA-BK Datasheet
172Kb / 2P
Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Angled Adapter (F/F), Black
P169-001-KPA-BK TRIPPLITE-P169-001-KPA-BK Datasheet
170Kb / 3P
Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Adapter Cable (F/F), Angled Connector, 1 ft.
U325-000-KP-BK TRIPPLITE-U325-000-KP-BK Datasheet
169Kb / 2P
USB 3.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-BK TRIPPLITE-U060-000-KP-BK Datasheet
170Kb / 2P
USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com