Electronic Components Datasheet Search
  English  ▼

X  

CL13345 Datasheet(PDF) 4 Page - Electronic Components Ltd.

Part # CL13345
Description  GOLD SWITCHED JACK SOCKETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL13345 Datasheet(HTML) 4 Page - Electronic Components Ltd.

  CL13345 Datasheet HTML 1Page - Electronic Components Ltd. CL13345 Datasheet HTML 2Page - Electronic Components Ltd. CL13345 Datasheet HTML 3Page - Electronic Components Ltd. CL13345 Datasheet HTML 4Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CLIFF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Cliff Electronic Components Limited,
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
04/2020
.5
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
GOLD SWITCHED JACK SOCKETS
FCR14422 - EMI / RFI SCREEN FOR 6.35mm
JACK SOCKETS
C 14218
L
- BLACK COMBINED NUT/BEZEL
FOR S4 TYPE JACK SOCKET
C 14218
L
GY - GREY COMBINED NUT/BEZEL
FOR S4 TYPE JACK SOCKET
JACK SOCKET ACCESSORIES
FLUSH MOUNTING OF 6.35mm JACK SOCKETS
C 1396
L
- RECESS PLATE TO ALLOW
FOR S4 TYPE JACK SOCKET
C 14218
L
R - RED COMBINED NUT/BEZEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com