Electronic Components Datasheet Search
  English  ▼

X  

CL13845G Datasheet(PDF) 3 Page - Electronic Components Ltd.

Part # CL13845G
Description  GOLD SWITCHED JACK SOCKETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL13845G Datasheet(HTML) 3 Page - Electronic Components Ltd.

  CL13845G Datasheet HTML 1Page - Electronic Components Ltd. CL13845G Datasheet HTML 2Page - Electronic Components Ltd. CL13845G Datasheet HTML 3Page - Electronic Components Ltd. CL13845G Datasheet HTML 4Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CLIFF
GOLD SWITCHED JACK SOCKETS
C 1299
L
A
3.5mm JACK SOCKET
CL13845G
CL13843G
FCR1295G
6.35mm JACK SOCKET
CL13843G - 3.5mm Jack Socket S6G/BB without nut
CL13845G - 3.5mm Jack Socket S6G/BB with nut
DESCRIPTION
CL1295G - 3.5mm Stereo Jack Socket S9/BBB with 6mm PCB legs
C 1232
L
A
CL1323A - Jack Socket Stereo S4/BBB Solder Tag. Supplied assembled
C 1299
L
A - Jack Socket Mono S4/BNB Solder Tag. Supplied assembled
DESCRIPTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com