Electronic Components Datasheet Search
  English  ▼

X  

CL1382G. Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CL1382G.
Description  3.5mm S6 MONO JACK SOCKETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL1382G. Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CL1382G. Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
Redhill, Surrey
1 2
U.K.
RH
PF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
01/2021
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
—S6 Sockets are only guaranteed to perform the switch switch (SS) function. Users requiring break functions (B)
must satisfy themselves that the product is suitable for their application. Cliff accepts no responsibility for use
outside the (SS) function.
Notes:
—Supplied with 1 nut unassembled. Nut material: Brass / Nickel plated.
—Max panel thickness is 3.0mm.
—Material: Jack body - PP, Contacts - Nickel Silver / Tin plated.
CL1382P - S6/BB Opal Solder Tag
CL1382L - S6/BB Blue Solder Tag
CL1384L - S6/BB Blue PCB Tag
CL1382A - S6/BB Grey Solder Tag
CL1382R - S6/BB Red Solder Tag
CL1384P - S6/BB Opal PCB Tag
CL1384W - S6/BB White PCB Tag
CL1382W - S6/BB White Solder Tag
CL1384R - S6/BB Red PCB Tag
CL1384Y - S6/BB Yellow PCB Tag
CL1382Y - S6/BB Yellow Solder Tag
CL1384G - S6/BB Green PCB Tag
CL1382G - S6/BB Green Solder Tag
CL1384A - S6/BB Grey PCB Tag
3.5mm S6 MONO JACK SOCKETS


Similar Part No. - CL1382G.

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CL1382 CLIFF-CL1382 Datasheet
483Kb / 2P
2.5mm and 3.5mm Mono and Stereo Jack Sockets
More results

Similar Description - CL1382G.

ManufacturerPart #DatasheetDescription
logo
CUI INC
MJ-3523-SMT CUI-MJ-3523-SMT Datasheet
278Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
CUI INC
MJ1-3510-SMT CUI-MJ1-3510-SMT Datasheet
89Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3510-SMT CUI-MJ-3510-SMT Datasheet
283Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com