Electronic Components Datasheet Search
  English  ▼

X  

FC68139N Datasheet(PDF) 4 Page - Electronic Components Ltd.

Part # FC68139N
Description  MS Series Unfused Power Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC68139N Datasheet(HTML) 4 Page - Electronic Components Ltd.

  FC68139N Datasheet HTML 1Page - Electronic Components Ltd. FC68139N Datasheet HTML 2Page - Electronic Components Ltd. FC68139N Datasheet HTML 3Page - Electronic Components Ltd. FC68139N Datasheet HTML 4Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Connectors
E 60065, EN60-320, IEC 127, VDE 0820. Please contact our sales office for copies of C 1 approval certificate.
N
B
-10°C to +85°C
Approvals
O
O
O
O
=
=
=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com