Electronic Components Datasheet Search
  English  ▼

X  

CP30231MB Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # CP30231MB
Description  BLACK METAL FEEDTHROUGH CONNECTORS FT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30231MB Datasheet(HTML) 2 Page - Electronic Components Ltd.

  CP30231MB Datasheet HTML 1Page - Electronic Components Ltd. CP30231MB Datasheet HTML 2Page - Electronic Components Ltd. CP30231MB Datasheet HTML 3Page - Electronic Components Ltd. CP30231MB Datasheet HTML 4Page - Electronic Components Ltd. CP30231MB Datasheet HTML 5Page - Electronic Components Ltd. CP30231MB Datasheet HTML 6Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CP30209NMB
USB 2.0 A to USB 2.0 B, CSK hole.
Part No.
Description
CP30209NM3B USB 2.0 A to USB 2.0 B, M3 hole.
Part No.
Description
CP30208NMB
USB 2.0 A to USB 2.0 A, CSK hole.
CP30208NM3B USB 2.0 A to USB 2.0 A, M3 hole.
Part No.
Description
CP30206NM3B USB 3.0 B to USB 3.0 A, M3 hole.
CP30206NMB
USB 3.0 B to USB 3.0 A, CSK hole.
CP30207NMB
USB 2.0 B to USB 2.0 A, CSK hole.
Part No.
Description
CP30207NM3B USB 2.0 B to USB 2.0 A, M3 hole.
Part No.
Description
CP30209NM3B USB 2.0 A to USB 2.0 B, M3 hole.
CP30209NMB
USB 2.0 A to USB 2.0 B, CSK hole.
CP30211M3B
USB C Female to Male, M3 hole.
CP30211MB
USB C Female to Male, CSK hole.
Part No.
Description
Part No.
Description
CP30212M3B
Dual USB C Female to Male, M3 hole.
CP30212MB
Dual USB C Female to Male, CSK hole.
CP30205NMB
USB 3.0 A to USB 3.0 A, CSK hole.
Part No.
Description
CP30205NM3B USB 3.0 A to USB 3.0 A, M3 hole.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com