Electronic Components Datasheet Search
  English  ▼

X  

CP30705N Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30705N
Description  DUALSLIM USB3.0 A-A FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30705N Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30705N Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
www.cliffuk.co.uk
üRoHS
©
10/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
5. Dielectric withstanding voltage: 500V AC
6. Operating Temperature: -20°C to 50°C
4. Insulation resistance: 20MΩ min
4. Shell: Nickel plated steel
5. Contacts: Gold Plated
2. Plastic Frame: Polyamide UL94 V-2
Notes:
1. Voltage rating: 30V ac
2. Current rating: 1.8 A max
1.Insert: ABS UL94 HB
3. Contact resistance: 50mΩ max
Material:
3. Inner Overmouldings: PE + PVC
Part No.
CP30705N
DUALSLIM USB3.0 A-A Black plastic frame, CSK holes
CP30705NX
DUALSLIM USB3.0 A-A Black plastic frame, Ø2.5 PLAIN holes
CP30705NX1
DUALSLIM USB3.0 A-A Black plastic frame, Ø3.2 PLAIN holes
VARIANTS
Feedthrough Features
—
Low rear profile.
—
No soldering or punch termination. Use standard cable for
each connector style.
—
Fits standard
cutout.
rectangular
General:
—
Front or rear mounting through the panel.
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
—
Various hole mounting options.
DUALSLIM USB3.0 A-A
FEEDTHROUGH CONNECTOR
Can be front or rear mounted in the panel


Similar Part No. - CP30705N

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30705NM CLIFF-CP30705NM Datasheet
466Kb / 1P
DUALSLIM USB3.0 A-A METAL FRAME FEEDTHROUGH CONNECTOR
CP30705NM3 CLIFF-CP30705NM3 Datasheet
466Kb / 1P
DUALSLIM USB3.0 A-A METAL FRAME FEEDTHROUGH CONNECTOR
CP30705NM440 CLIFF-CP30705NM440 Datasheet
466Kb / 1P
DUALSLIM USB3.0 A-A METAL FRAME FEEDTHROUGH CONNECTOR
CP30705NMB CLIFF-CP30705NMB Datasheet
466Kb / 1P
DUALSLIM USB3.0 A-A METAL FRAME FEEDTHROUGH CONNECTOR
CP30705NMB3 CLIFF-CP30705NMB3 Datasheet
466Kb / 1P
DUALSLIM USB3.0 A-A METAL FRAME FEEDTHROUGH CONNECTOR
More results

Similar Description - CP30705N

ManufacturerPart #DatasheetDescription
logo
FCI connector
10117835-001LF FCI-CONNECTOR-10117835-001LF Datasheet
91Kb / 1P
usb3.0 standard-a receptacle right angle type
logo
Molex Electronics Ltd.
SD-48406-001 MOLEX-SD-48406-001 Datasheet
143Kb / 1P
USB3.0 A TYPE,T/H DOUBLE STACK,R/A CONTACT HEIGHT:4.13
REVISION B1
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
logo
Electronic Components L...
CP30204N CLIFF-CP30204N Datasheet
315Kb / 1P
USB3.0 B-B FEEDTHROUGH CONNECTOR
CP30205N CLIFF-CP30205N Datasheet
574Kb / 1P
USB3.0 A-A FEEDTHROUGH CONNECTOR
CP30206N CLIFF-CP30206N Datasheet
417Kb / 1P
USB3.0 B-A FEEDTHROUGH CONNECTOR
CP30207N CLIFF-CP30207N Datasheet
466Kb / 1P
USB2.0 B-A FEEDTHROUGH CONNECTOR
CP30208N CLIFF-CP30208N Datasheet
533Kb / 1P
USB2.0 A-A FEEDTHROUGH CONNECTOR
05/2020
CP30209N CLIFF-CP30209N Datasheet
469Kb / 1P
USB2.0 A-B FEEDTHROUGH CONNECTOR
05/2020
CP30210N CLIFF-CP30210N Datasheet
491Kb / 1P
USB3.0 A-B FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com