Electronic Components Datasheet Search
  English  ▼

X  

SC6000 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC6000
Description  RA BNC Male Connector Crimp/Solder Attachment For LMR-200 Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6000 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC6000 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC6000 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC6000 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2014
Configuration
Connector
BNC Male
Electrical Specifications*
Description
Min
Typ
Max
Units
Frequency Range
DC
4
GHz
Impedance
50
Ohms
VSWR
1.35:1
AC DWV
1,500
Vrms
.
* Values at 25°C, sea level
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.863 in [21.92 mm]
Width/Dia.
1.076 in [27.33 mm]
.
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ In. Minimum
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
RA BNC Male Connector Crimp/Solder Attachment
For LMR-200 Cable
SC6000
DATA SHEET
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Specification: MIL-C-39012
• Interface: LMR-200
• Attachment: Crimp/Solder
• Body Style: Right Angle


Similar Part No. - SC6000

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC6000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE44843 PASTERNACK-PE44843 Datasheet
270Kb / 3P
BNC Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE4598 PASTERNACK-PE4598_16 Datasheet
360Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4044 PASTERNACK-PE4044_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4210 PASTERNACK-PE4210_16 Datasheet
321Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4351 PASTERNACK-PE4351_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com