Electronic Components Datasheet Search
  English  ▼

X  

SC6013 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC6013
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6013 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC6013 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
BNC-F RG316 RG174 GRIP
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-11 GHZ
VSWR 1.3:1 MAX
IMPEDANCE: 50 OHMS
MECHANICAL:
MATERIAL BODY: NICKLE PLATED BRASS
CENTER CONTACT: BeCu
CONTACT PLATING: Si QQ-S-365
CAPTIVATED CONTACT
INSULATOR: TEFLON
INTERFACE: MIL-STD-348B
ROHS COMPLIANT
OP. TEMP RANGE: -55°C- +155°C
ASSEMBLY INSTRUCTIONS:
SLIDE BACKNUT ONTO CABLE
TRIM CABLE AS SHOWN
SLIT CABLE, 2 PLACES AS SHOWN, 180° APART
SLIDE PIN ASSEMBLY UNDER BRAID
SOLDER PIN ASSEMBLY TO CENTER CONDUCTOR
INSERT ASSEMBLY INTO BODY
TIGHTEN BY HOLDING NUT, TURNING BODY
3FKR5
.250"
STRIPPING DIMENSIONS
.031"
.250"
SLIT, X2
1.06"
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
BNC-F RG316 RG174 GRIP


Similar Part No. - SC6013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC601-R ETC1-SC601-R Datasheet
259Kb / 8P
Speech And Music Processor
SC601-RL1 ETC1-SC601-RL1 Datasheet
259Kb / 8P
Speech And Music Processor
logo
Infinite Electronics In...
SC6015 FAIRVIEW-SC6015 Datasheet
523Kb / 3P
BNC Female Bulkhead Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable
REV 2.0
SC6017 FAIRVIEW-SC6017 Datasheet
32Kb / 1P
- - 0.476"(12.1)MIN 0.500"(12.7) MIN
REV A
More results

Similar Description - SC6013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX-1033S ETC1-TX-1033S Datasheet
28Kb / 1P
TX-1033S
logo
fujitsu semiconductor
FAR-F6KA-1G8800-L4AF FUJITSU-FAR-F6KA-1G8800-L4AF Datasheet
174Kb / 5P
PCS-Tx
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615 SW Allen Blvd 103 Beaverton OR 97005
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
PHOENIX CONTACT
2702259 PHOENIX-2702259 Datasheet
69Kb / 7P
Router - FL MGUARD RS4000 TX/TX-P
2700968 PHOENIX-2700968 Datasheet
61Kb / 3P
Router - FL MGUARD DELTA TX/TX VPN
2700634 PHOENIX-2700634 Datasheet
96Kb / 10P
Router - FL MGUARD RS4000 TX/TX
09/12/2020
2700642 PHOENIX-2700642 Datasheet
105Kb / 11P
Router - FL MGUARD RS2000 TX/TX VPN
09/12/2020
2700967 PHOENIX-2700967 Datasheet
65Kb / 6P
Router - FL MGUARD DELTA TX/TX
13.02.2013
1221706 PHOENIX-1221706 Datasheet
1Mb / 12P
Router - CLOUD CLIENT 1101T-TX/TX
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com