Electronic Components Datasheet Search
  English  ▼

X  

CL24 Datasheet(PDF) 2 Page - Clarke International

Part # CL24
Description  24” LOUVRE VENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CL24 Datasheet(HTML) 2 Page - Clarke International

  CL24 Datasheet HTML 1Page - Clarke International CL24 Datasheet HTML 2Page - Clarke International CL24 Datasheet HTML 3Page - Clarke International CL24 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Plate Axial Louvre Vent.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase. This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission. This guarantee does not effect your statutory
rights.
GENERAL SAFETY WARNINGS
1. Please keep these instructions in a safe place for future reference.
2. NEVER carry out any alterations or modifications to this product.
3. NEVER carry out any maintenance on this product unless the power has been
isolated on the fan unit.
4. NEVER insert anything into the louvre grille, unless the power has been isolated
on the fan unit.
INSTALLATION
1. Mount the louvre vent securely to an external wall using the 4 outer bolt/screw
holes (B) provided in the outer casing, see diagram on page 3. Using the other 4
bolt holes (C) and appropriate length nuts and bolts (not supplied), the louvre
vent, can if need be, be aligned and secured to the corresponding sized plate axial
exhaust fan and corresponding holes.
NOTE: Corresponding sized plate axial exhaust fans can be purchased from
your local CLARKE stockist.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com