Electronic Components Datasheet Search
  English  ▼

X  

CAM30B Datasheet(PDF) 2 Page - Clarke International

Part # CAM30B
Description  30 INCH DRUM FAN 230V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAM30B Datasheet(HTML) 2 Page - Clarke International

  CAM30B Datasheet HTML 1Page - Clarke International CAM30B Datasheet HTML 2Page - Clarke International CAM30B Datasheet HTML 3Page - Clarke International CAM30B Datasheet HTML 4Page - Clarke International CAM30B Datasheet HTML 5Page - Clarke International CAM30B Datasheet HTML 6Page - Clarke International CAM30B Datasheet HTML 7Page - Clarke International CAM30B Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE 30” Drum Fan.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
MODEL
CAM30B
Voltage:
230 V ~ (50Hz)
Ingress Protection Rating
IP20
Insulation Class
1
Fan Power Input
118.6 W
Duty Cycle
S1 (continuous)
Fan Speeds
Position 1-850 rpm / Position 2 - 919 rpm
Fan Sound Power Level
78 dB(A)
Sound Power Measured
82.4 dB(A) LWa
Guaranteed Sound Level
84.9 dB Lwa
Maximum Fan Flow Rate
283.4 m3/m
Maximum Air Velocity
2.2 m/sec
Service Value
2.4 m3/m/W
Measurement Standard for Service Value
EU 206/2012
Dimensions (D x W x H) mm
830 x 300 x 845
Weight:
18.6 kg
Further ERP Ratings
Standby power consumtion
0.0
Seasonal electricity consumption
38.0 kWh/a



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com