Electronic Components Datasheet Search
  English  ▼

X  

JS1100C Datasheet(PDF) 14 Page - Clarke International

Part # JS1100C
Description  JUMPSTART
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1100C Datasheet(HTML) 14 Page - Clarke International

Back Button JS1100C Datasheet HTML 10Page - Clarke International JS1100C Datasheet HTML 11Page - Clarke International JS1100C Datasheet HTML 12Page - Clarke International JS1100C Datasheet HTML 13Page - Clarke International JS1100C Datasheet HTML 14Page - Clarke International JS1100C Datasheet HTML 15Page - Clarke International JS1100C Datasheet HTML 16Page - Clarke International JS1100C Datasheet HTML 17Page - Clarke International JS1100C Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPARE PARTS
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
Spare parts are available as follows
Part Number
1
Positive Battery Connection Lead
GWJS110001
2
Lamp Bezel
GWJS110002
3
Lamp Lens
GWJS110003
4
230 Volt Charger assembly
GWJS110004
5
Negative Battery Connection Lead
GWJS110005
6
Battery (12V/17AH
GWJS110006
7
Cigar Lighter Adaptor Lead
GWJS110007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com