Electronic Components Datasheet Search
  English  ▼

X  

ISL28005 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL28005
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28005 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL28005 Datasheet HTML 9Page - Renesas Technology Corp ISL28005 Datasheet HTML 10Page - Renesas Technology Corp ISL28005 Datasheet HTML 11Page - Renesas Technology Corp ISL28005 Datasheet HTML 12Page - Renesas Technology Corp ISL28005 Datasheet HTML 13Page - Renesas Technology Corp ISL28005 Datasheet HTML 14Page - Renesas Technology Corp ISL28005 Datasheet HTML 15Page - Renesas Technology Corp ISL28005 Datasheet HTML 16Page - Renesas Technology Corp ISL28005 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FN6973 Rev.6.02
Page 13
Dec 21, 2022
ISL28005 Datasheet
5.3
Typical Application Circuit
Figure 29 shows the basic application circuit and optional protection components for switched-load applications.
For applications where the load and the power source is permanently connected, only an external sense resistor
is needed. For applications where fast transients are caused by hot plugging the source or load, external
protection components may be needed. The external current limiting resistor (RP) in Figure 29 may be required to
limit the peak current through the internal ESD diodes to < 20mA. This condition can occur in applications that
experience high levels of in-rush current causing high peak voltages that can damage the internal ESD diodes. An
RP resistor value of 100Ω provides protection for a 2V transient with the maximum of 20mA flowing through the
input while adding only an additional 13µV (worse case over-temperature) of VOS. See the following formula:
((RP x IRS-) = (100Ω x 130nA) = 13µV)
Switching applications can generate voltage spikes that can overdrive the amplifier input and drive the output of
the amplifier into the rails, resulting in a long overload recovery time. Capacitors CM and CD filter the common
mode and differential voltage spikes.
5.4
Error Sources
There are 3 dominant error sources: gain error, input offset voltage error, and Kelvin voltage error (see Figure 30).
The gain error is dominated by the internal resistance matching tolerances. The remaining errors appear as sense
voltage errors at the input to the amplifier. They are VOS of the amplifier and Kelvin voltage errors. If the transient
protection resistor is added, an additional VOS error can result from the IxR voltage due to input bias current. The
limiting resistor should only be added to the RS- input, due to the high-side gm amplifier (gmHI) sinking several
micro amps of current through the RS+ pin.
Figure 29. Typical Application Circuit
gmLO
RS-
gmHI
RS+
1.35V
OUT
GND
VCC
2.7VDC
to
28VDC
0.1VDC
to
28V DC
RS
(1mΩ to
100mΩ)
CD
RP
CM
Load
I = 2.86µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com