Electronic Components Datasheet Search
  English  ▼

X  

TXDV1212RG Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TXDV1212RG
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TXDV1212RG Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TXDV1212RG Datasheet HTML 1Page - Inchange Semiconductor Company Limited TXDV1212RG Datasheet HTML 2Page - Inchange Semiconductor Company Limited TXDV1212RG Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc
Thyristor
TXDV1212RG
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM
--
--
10
uA
IDRM
Repetitive peak off-state current
VD=VDRM
--
--
10
uA
IGT
Gate trigger current,VD= 12V, RL=33Ω
I-II-III
--
--
100
mA
VGT
Gate trigger voltage,VD= 12V, RL=33Ω
I-II-III
--
--
1.5
V
VGD
VD=VDRM,RL=3.3kΩ,TJ=110℃
I-II-III
--
--
0.2
V
IH
Holding current,IT=500mA
--
--
100
mA
VTM
On-state voltage
IT= 17A,tp=380us
--
--
1.95
V
PACKAGE OUTLINE
Dimensions in mm
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com