Electronic Components Datasheet Search
  English  ▼

X  

MB-CART Datasheet(PDF) 1 Page - Yealink Inc.

Part # MB-CART
Description  Dimension: 340mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.

MB-CART Datasheet(HTML) 1 Page - Yealink Inc.

  MB-CART Datasheet HTML 1Page - Yealink Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Yealink MB-Cart Datasheet
MB-Cart
Parameter
Description
Dimension (W.D.H)
• Dimension: 340 mm × 363 mm × 195 mm
• Carton Meas: 493 mm × 465 mm × 340 mm
Weight
• N.W/CTN: 12.408 kg (27.4 lbs)
• G.W/CTN: 13.216 kg (29.1 lbs)
Yealink MB-Cart Datasheet
1 / 1


Similar Part No. - MB-CART

ManufacturerPart #DatasheetDescription
logo
Yealink Inc.
MB-CAMERA- YEALINK-MB-CAMERA- Datasheet
6Mb / 3P
MeetingBoard Zoom Camera
More results

Similar Description - MB-CART

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1117 AVICTEK-AV1117 Datasheet
448Kb / 5P
Outline Dimension
logo
Japan Aviation Electron...
ST5S014V4A JAE-ST5S014V4A Datasheet
191Kb / 1P
APPLICABLE P.C.B. DIMENSION
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
APPLICABLE PCB DIMENSION
logo
OptoSupply Internationa...
OSG5XNE3E1E OPTOSUPPLY-OSG5XNE3E1E Datasheet
146Kb / 2P
Outline Dimension
logo
List of Unclassifed Man...
RB1-125BAG1A ETC2-RB1-125BAG1A Datasheet
462Kb / 11P
MECHANICAL DIMENSION
logo
XFMRS Inc.
XFATM2E-CAXU1-1SP XFMRS-XFATM2E-CAXU1-1SP Datasheet
28Kb / 1P
MECHANICAL DIMENSION
logo
First Components Intern...
FTC12A60F FCI-FTC12A60F Datasheet
508Kb / 1P
MECHANICAL DIMENSION
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
PACKAGE DIMENSION
logo
STANLEY ELECTRIC CO.,LT...
1211C STANLEY-1211C Datasheet
481Kb / 14P
Outer Dimension
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com