Electronic Components Datasheet Search
  English  ▼

X  

MP45 Datasheet(PDF) 1 Page - Yealink Inc.

Part # MP45
Description  USB Phone Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.

MP45 Datasheet(HTML) 1 Page - Yealink Inc.

  MP45 Datasheet HTML 1Page - Yealink Inc. MP45 Datasheet HTML 2Page - Yealink Inc. MP45 Datasheet HTML 3Page - Yealink Inc. MP45 Datasheet HTML 4Page - Yealink Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Yealink MP45 Datasheet
USB Phone Compatible with Microsoft® Teams
Yealink MP45 USB desktop phone brings new meaning to the USB desktop
phone with a 4-inch touch screen, telephone keypad and HD audio. You can
connect and power the MP45 USB desktop phone via the USB cable for easy
installation and use without carrying additional cables or installing drivers.
Connect the phone to any PC running Microsoft Teams and it will instantly be
ready to start placing or receiving phone calls. The MP45 USB desktop phone
provides convenient buttons for call control, such as a full dial pad, keys for
controlling volume, mute, speakerphone, hold, redial, external headset mode
and a dedicated Teams button to wake up Microsoft Teams instantly. The MP45
USB desktop phone is especially useful in hot-desking, classroom, and daily
office scenarios with plug & play ease of use.
Key Features
Yealink MP45 Datasheet
1 / 4


Similar Part No. - MP45

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP450 MEANWELL-MP450 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Toshiba Semiconductor
MP4501 TOSHIBA-MP4501 Datasheet
275Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4501 TOSHIBA-MP4501 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4502 TOSHIBA-MP4502 Datasheet
263Kb / 5P
TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE
More results

Similar Description - MP45

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8855 HAMAMATSU-C8855 Datasheet
73Kb / 2P
USB INTERFACE COMPATIBLE COUNTING UNIT
logo
Holtek Semiconductor In...
HT82A832R HOLTEK-HT82A832R Datasheet
394Kb / 51P
Basic USB Phone OTP MCU
July 18, 2006
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
logo
Hamamatsu Corporation
C8855-01 HAMAMATSU-C8855-01_15 Datasheet
627Kb / 4P
USB INTERFACE COMPATIBLE COUNTING UNIT
logo
Tripp Lite. All Rights ...
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
USB Tablet / Phone Car Charger, 5V 2.4A / 12W
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
USB 2.0 Compatible Micro Connectors
logo
Shanghai Consonance Ele...
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
USB-Compatible Lithium Battery Charger
logo
ASIX Electronics Corpor...
AX68002 ASIX-AX68002 Datasheet
1Mb / 1P
Android USB-C Gaming Phone Dock Application Demonstration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com