Electronic Components Datasheet Search
  English  ▼

X  

AC80 Datasheet(PDF) 3 Page - Clarke International

Part # AC80
Description  AUTOMATIC BATTERY CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AC80 Datasheet(HTML) 3 Page - Clarke International

  AC80 Datasheet HTML 1Page - Clarke International AC80 Datasheet HTML 2Page - Clarke International AC80 Datasheet HTML 3Page - Clarke International AC80 Datasheet HTML 4Page - Clarke International AC80 Datasheet HTML 5Page - Clarke International AC80 Datasheet HTML 6Page - Clarke International AC80 Datasheet HTML 7Page - Clarke International AC80 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
• IMPORTANT: ALWAYS disconnect the battery from the vehicle BEFORE connecting the
charger leads. This is to prevent damage being caused to the vehicle electronic
system.
• This battery charger is designed for INDOOR use ONLY. Do not use outdoors, exposed
to the elements.
• Do not use for any other type of battery, or supply power to low voltage electrical
systems.
• Connect the battery clamps to the battery terminals before plugging the charger in to
the mains power supply.
• This battery charger is limited to use with 12V lead acid/ gel including MF (Sealed)
and Leisure batteries ONLY. DO NOT attempt to charge other types of battery.
• Do not attempt to charge a battery with a capacity exceeding that indicated in the
‘Specifications’.
• Do not operate the charger if any of the cables are damaged. Consult your Clarke
dealer for repair or replacement of the parts.
• Do not operate the charger if the case is damaged. Consult your Clarke dealer for
inspection and repair.
• Do not disassemble the charger, incorrect reassembly may result in electric shock or
fire.
• Ensure the battery posts and battery clamps are perfectly clean before use.
• Disconnect from the mains power supply before making or breaking connections to
the battery.
• Make sure the battery is topped up with distilled water, (where applicable), to its
proper level, before connecting the charger.
• Unscrew the battery filler caps fully, (where applicable), and leave them loose for the
duration of charge, to ensure that gases are allowed to escape.
NOTE: ALWAYS clean around the filler caps thoroughly before unscrewing, to
ensure that no dirt can enter the battery cell. Ensure the breather holes,
in the caps, are perfectly clear before screwing in again.
• When charging is complete, disconnect the negative cable first and then the positive
cable.
• Always place the charger in an environment which is
- well ventilated
- out of the reach of children
- not exposed to direct sunlight or heat source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com