Electronic Components Datasheet Search
  English  ▼

X  

BD241C Datasheet(PDF) 3 Page - STMicroelectronics

Part # BD241C
Description  NPN power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD241C Datasheet(HTML) 3 Page - STMicroelectronics

  BD241C Datasheet HTML 1Page - STMicroelectronics BD241C Datasheet HTML 2Page - STMicroelectronics BD241C Datasheet HTML 3Page - STMicroelectronics BD241C Datasheet HTML 4Page - STMicroelectronics BD241C Datasheet HTML 5Page - STMicroelectronics BD241C Datasheet HTML 6Page - STMicroelectronics BD241C Datasheet HTML 7Page - STMicroelectronics BD241C Datasheet HTML 8Page - STMicroelectronics BD241C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BD241A BD241C
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
2.1
Electrical characteristic (curves)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = rated VCEO
0.2
mA
ICEO
Collector cut-off current
(IB = 0)
for BD241A
VCE =30V
for BD241C
VCE =60V
0.3
0.3
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB =5V
1mA
VCEO(sus)(1)
1. Pulsed duration = 300 ms, duty cycle
≥1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC =30mA
for BD241A
for BD241C
60
100
V
V
VCE(sat)(1)
Collector-emitter
saturation voltage
IC =3A _ IB =0.6A
1.2
V
VBE(1)
Base-emitter voltage
IC =3A VCE =4V
1.8
V
hFE(1)
DC current gain
IC =1A VCE =4V
IC =3A VCE =4V
25
10
Figure 2.
Safe operating area
Figure 3.
Derating curve



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com