Electronic Components Datasheet Search
  English  ▼

X  

ISL28107FBZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL28107FBZ
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107FBZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL28107FBZ Datasheet HTML 25Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 26Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 27Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 28Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 29Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 30Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 31Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 32Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 32 of 32
Aug 30, 2024
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M CA
0.004 C
0.010
B
M CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
INCHES
TOLERANCE
NOTES
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. M 2/07
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com