Electronic Components Datasheet Search
  English  ▼

X  

EMC1428 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1428 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1428 Datasheet HTML 35Page - SMSC Corporation EMC1428 Datasheet HTML 36Page - SMSC Corporation EMC1428 Datasheet HTML 37Page - SMSC Corporation EMC1428 Datasheet HTML 38Page - SMSC Corporation EMC1428 Datasheet HTML 39Page - SMSC Corporation EMC1428 Datasheet HTML 40Page - SMSC Corporation EMC1428 Datasheet HTML 41Page - SMSC Corporation EMC1428 Datasheet HTML 42Page - SMSC Corporation EMC1428 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
SMSC EMC1428
39
Revision 0.62 (03-05-08)
DATASHEET
These registers are used to set the Beta Compensation factor that is used for the External Diode
channels.
Bit 3 - AUTOx - Enables the Beta Compensation factor autodetection function.
‘0’ - The Beta Compensation Factor autodetection circuitry is disabled. The External Diode will
always use the Beta Compensation factor set by the BETAx[2:0] bits.
‘1’ (default) - The Beta Compensation factor autodetection circuitry is enabled. At the beginning of
every conversion, the optimal Beta Compensation factor setting will be determined and applied.
The BETAx[2:0] bits will be automatically updated to indicate the current setting.
Bit 2-0 - BETAx[2:0] - These bits always reflect the current beta configuration settings. These bits will
be updated automatically and writing to these bits will have no effect.
5.16
Hottest Temperature Registers
The Hottest Temperature Registers store the measured hottest temperature of all the selected external
diode channels (see Section 5.22). If no External diodes are selected then the High Byte Register will
read 80h. The data format is the same as the temperature channels.
Table 5.20 Beta Compensation Look Up Table
BETAX[2:0]
MINIMUM BETA
210
000
< 0.08
001
< 0.111
010
< 0.176
011
< 0.29
100
< 0.48
101
< 0.9
110
< 2.33
1
1
1
Disabled
Table 5.21 Hottest Temperature Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
32h
R
Hottest
Temperature
High Byte
Sign
64
32
16
8
4
2
1
80h
33h
R
Hottest
Temperature
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com