Electronic Components Datasheet Search
  English  ▼

X  

1639000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1639000000
Description  BL 3.5/15/90 SN SW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1639000000 Datasheet(HTML) 4 Page - Weidmuller

  1639000000 Datasheet HTML 1Page - Weidmuller 1639000000 Datasheet HTML 2Page - Weidmuller 1639000000 Datasheet HTML 3Page - Weidmuller 1639000000 Datasheet HTML 4Page - Weidmuller 1639000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Socket connectors,
screw clamp connection, pitch 3.5 | BLZ 3.5/90/270 | BL 3.5/90
- 4 -
1638830000
BL 3.5/7/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 7, 90°, Box
1638610000
BL 3.5/8/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 8, 90°, Box
1638840000
BL 3.5/8/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 8, 90°, Box
1638620000
BL 3.5/9/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 9, 90°, Box
1638850000
BL 3.5/9/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 9, 90°, Box
1638630000
BL 3.5/10/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 10, 90°, Box
1638860000
BL 3.5/10/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 10, 90°, Box
1638640000
BL 3.5/11/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 11, 90°, Box
1638870000
BL 3.5/11/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 11, 90°, Box
1638650000
BL 3.5/12/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 12, 90°, Box
1638880000
BL 3.5/12/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 12, 90°, Box
1638660000
BL 3.5/13/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 13, 90°, Box
1638890000
BL 3.5/13/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 13, 90°, Box
1638670000
BL 3.5/14/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 14, 90°, Box
1638900000
BL 3.5/14/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 14, 90°, Box
1638680000
BL 3.5/15/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 15, 90°, Box
1638690000
BL 3.5/16/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 16, 90°, Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com