Electronic Components Datasheet Search
  English  ▼

X  

C6D50065H Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C6D50065H
Description  SiC Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C6D50065H Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C6D50065H Datasheet HTML 1Page - Inchange Semiconductor Company Limited C6D50065H Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISS5057
eq C6D50065H
SiC Schottky Rectifier
www.iscsemi.com
1
DESCRIPTION
·Zero Reverse Recovery Current /
ForwardRecovery Voltage
· Temperature-Independent Switching Behavior
· Low Profile Package with Low Inductance
APPLICATIONS
· Industrial Power Supplies
· Switch Mode Power Supplies
· Solar Inverters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRMS
VDC
Recurrent Peak Reverse Voltage
RMS Voltage
DC Blocking Voltage
650
V
IFAV
Average Forward Rectified Current
TC= 25℃
136
A
TC= 125℃
69
TC= 150℃
43
IFRM
Repetitive Peak Forward Surge Current
tp = 10ms Half Sine Wave
TC= 25℃
166
A
TC= 110℃
94
IFSM
Peak Forward Surge Current
tp = 10ms Half Sine Wave
TC= 25℃
303
A
TC= 110℃
268
IFmax
Non-Repetitive Peak Forward Surge Current
tp = 10ms,Pluse
TC= 25℃
1500
A
TC= 110℃
1320
Ptot
Power Dissipation
349
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - C6D50065H

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C6D50065H WOLFSPEED-C6D50065H Datasheet
946Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results

Similar Description - C6D50065H

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com