Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 26 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 22Page - SMSC Corporation LAN9312 Datasheet HTML 23Page - SMSC Corporation LAN9312 Datasheet HTML 24Page - SMSC Corporation LAN9312 Datasheet HTML 25Page - SMSC Corporation LAN9312 Datasheet HTML 26Page - SMSC Corporation LAN9312 Datasheet HTML 27Page - SMSC Corporation LAN9312 Datasheet HTML 28Page - SMSC Corporation LAN9312 Datasheet HTML 29Page - SMSC Corporation LAN9312 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
26
SMSC LAN9312
DATASHEET
Chapter 3 Pin Description and Configuration
3.1
Pin Diagrams
3.1.1
128-VTQFP Pin Diagram
Figure 3.1 LAN9312 128-VTQFP Pin Assignments (TOP VIEW)
SMSC
LAN9312
128-VTQFP
TOP VIEW
97
VSS
EECLK/EE_SCL/
EEPROM_SIZE_1
EEDO/EEPROM_TYPE
EECS/EEPROM_SIZE_0
VDD33IO
NC
NC
XI
VDD18CORE
VDD18PLL
XO
NC
TEST2
TXP1
TXN1
VSS
VSS
RXN1
VDD33A1
VDD33A1
RXP1
EXRES
VDD18TX1
VDD18TX2
VDD33BIAS
RXP2
VDD33A2
VDD33A2
RXN2
TXN2
TXP2
VSS
VDD33IO
PME
IRQ
FIFO_SEL
END_SEL
nWR
nCS
NC
nRD
VDD33IO
A2
A4
A3
A6
A5
VSS
A7
VDD33IO
A8
D0
A9
D2
D1
VDD18CORE
D3
D4
VDD33IO
D6
D5
D8
D7
VDD33IO
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com