Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 403 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 403 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 399Page - SMSC Corporation LAN9312 Datasheet HTML 400Page - SMSC Corporation LAN9312 Datasheet HTML 401Page - SMSC Corporation LAN9312 Datasheet HTML 402Page - SMSC Corporation LAN9312 Datasheet HTML 403Page - SMSC Corporation LAN9312 Datasheet HTML 404Page - SMSC Corporation LAN9312 Datasheet HTML 405Page - SMSC Corporation LAN9312 Datasheet HTML 406Page - SMSC Corporation LAN9312 Datasheet HTML 407Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
403
Revision 1.2 (04-08-08)
DATASHEET
14.5.3.33
Switch Engine Port 0 Ingress VLAN Priority Regeneration Table Register
(SWE_INGRSS_REGEN_TBL_MII)
This register provides the ability to map the received VLAN priority to a regenerated priority. The
regenerated priority is used in determining the output priority queue. By default, the regenerated priority
is identical to the received priority.
Register #:
1855h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
RESERVED
RO
-
23:21
Regen7
These bits specify the regenerated priority for received priority 7.
R/W
7h
20:18
Regen6
These bits specify the regenerated priority for received priority 6.
R/W
6h
17:15
Regen5
These bits specify the regenerated priority for received priority 5.
R/W
5h
14:12
Regen4
These bits specify the regenerated priority for received priority 4.
R/W
4h
11:9
Regen3
These bits specify the regenerated priority for received priority 3.
R/W
3h
8:6
Regen2
These bits specify the regenerated priority for received priority 2.
R/W
2h
5:3
Regen1
These bits specify the regenerated priority for received priority 1.
R/W
1h
2:0
Regen0
These bits specify the regenerated priority for received priority 0.
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com