Electronic Components Datasheet Search
  English  ▼

X  

AR20 Datasheet(PDF) 1 Page - FLEXTRAL

Part # AR20
Description  Purpose Air/Water
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

AR20 Datasheet(HTML) 1 Page - FLEXTRAL

  AR20 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AR20 Red General Purpose Air/Water
www.
.com
AR20 Red General Purpose 300 PSI Assemblies
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Reel
Lengths
AR20-025
Z\v
0.53
300
0.13
600’
AR20-038
C\,
0.70
300
0.21
600’
AR20-050
Z\x
0.84
300
0.27
600’
AR20-063
B\,
0.98
300
0.34
400’
AR20-075
C\v
1.15
300
0.46
400’
AR20-100
1
1.47
300
0.68
250’
AR20-125
1Z\v
1.73
300
0.84
200’ Coils
AR20-150
1Z\x
2.09
300
1.24
200’ Coils
AR20-200
2
2.64
300
1.74
200’ Coils
Application:
Air, water, agricultural spray solutions, and other diluted chemicals. Good resistance to heat, abrasion,
and weathering.
Construction:
Tube - Black, limited oil resistant synthetic rubber
Reinforcement - Synthetic yarn
Cover - Smooth, red, abrasion, weather, and ozone resistant rubber
Branding - FLEXTRAL AR20-100 1” (25.4mm) GENERAL PURPOSE AIR/WATER 300 PSI MAX WP
Temperature Range:
-29ºC to +80ºC (-20ºF to +180ºF)
*Call for additional fittings, lengths and assemblies.
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
AR20-025MMXF025-BR
Z\v
” x 25’
Z\v
” M-NPT Z\v” M-NPT
Crimp
AR20-025MMXF050-BR
Z\v
” x 50’
Z\v
” M-NPT Z\v” M-NPT
Crimp
AR20-038M2525MXF025-BR
C\,
” x 25’
Z\v
” M-NPT Z\v” M-NPT
Crimp
AR20-038M2525MXF050-BR
C\,
” x 50’
Z\v
” M-NPT Z\v” M-NPT
Crimp
AR20-038M2525MXF100-BR
C\,
” x 100’
Z\v
” M-NPT Z\v” M-NPT
Crimp
AR20-038MMXF050-BR
C\,
” x 50’
C\,
” M-NPT C\,” M-NPT
Crimp
AR20-038MMXF100-BR
C\,
” x 100’
C\,
” M-NPT C\,” M-NPT
Crimp
AR20-050MMXF050-BR
Z\x
” x 50’
Z\x
” M-NPT Z\x” M-NPT
Crimp


Similar Part No. - AR20

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR20-HGW-T-R ASSMANN-AR20-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 20 Pin, Wire Wrap
logo
Clarke International
AR20001 CLARKE-AR20001 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
logo
List of Unclassifed Man...
AR2001 ETC1-AR2001 Datasheet
2Mb / 3P
Smart Handgeld Device SoC
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
AR2003FV-13 DIODES-AR2003FV-13 Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
More results

Similar Description - AR20

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FOX-120 AAEON-FOX-120 Datasheet
366Kb / 2P
IP-65, 12.1??Multi-Purpose & Water-Proof Panel PC
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
GK17M ETC2-GK17M Datasheet
60Kb / 1P
General purpose caged air probe
logo
MTU Onsite Energy Corpo...
DS0890D5S MTU-DS0890D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
DS1050D5S MTU-DS1050D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
DS1140D5S MTU-DS1140D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
DS1270D5S MTU-DS1270D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
MTU18V2000DS1290 MTU-MTU18V2000DS1290 Datasheet
1Mb / 4P
WATER CHARGE-AIR COOLING
logo
II-VI Marlow, Inc.
EHA-LXXAN1-R02-L1 VIMARLOW-EHA-LXXAN1-R02-L1 Datasheet
830Kb / 4P
Thermal Energy Harvesting Demo Unit Water to Air
logo
TT Electronics.
DS1015 TTELEC-DS1015 Datasheet
300Kb / 1P
Water Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com