Electronic Components Datasheet Search
  English  ▼

X  

AXT Datasheet(PDF) 1 Page - FLEXTRAL

Part # AXT
Description  3000 PSI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

AXT Datasheet(HTML) 1 Page - FLEXTRAL

  AXT Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Meets or exceeds the requirements of SAE 100R17.
Tube: Nitrile
Reinforcement: 1/4” thru 3/8” One wire braid, 1/2” thru 1” Two wire braids
Cover: Smooth, black, oil, abrasion and weather resistant synthetic rubber, MSHA approved
Temperature: -40°C to +100°C (-40°F to +212°F), intermittent use up to +125°C (+257°F)
Packaging: Reels
Application: Petroleum based hydraulic fluids, gasoline, water, diesel fuels and lubricating oils, biodegradeable
hydraulic oil, fire resistant synthetic polyol esters, USCG 1942-1 accepted. Meets or exceeds the
requirements of SAE 100R17.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAXIMUM
WORKING
PRESSURE
MINIMUM
BURST
PRESSURE
MINIMUM
BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
AXT-04
Z\v
0.48
12.2
3,000
12,000
2.0
51
0.12
E
AXT-06
C\,
0.61
15.5
3,000
12,000
2.6
65
0.19
E
AXT-08
Z|x
0.81
20.7
3,000
12,000
3.5
90
0.24
E
AXT-10
B\,
0.94
23.8
3,000
12,000
3.9
100
0.48
E, N
AXT-12
C\v
1.10
27.7
3,000
12,000
5.0
127
0.56
E, N
AXT-16
1
1.42
36.0
3,000
12,000
5.9
150
0.83
E, N
www.
.com
AXT 100R17 Leveline 3000 PSI
V04.21


Similar Part No. - AXT

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
AXT-0404T FLEXTRAL-AXT-0404T Datasheet
332Kb / 1P
Leveline Twinline
V04.21
AXT-04HT FLEXTRAL-AXT-04HT Datasheet
1Mb / 1P
High-Temp
V04.21
AXT-04PS FLEXTRAL-AXT-04PS Datasheet
1Mb / 1P
PRO-SHIELD
V04.21
AXT-0606T FLEXTRAL-AXT-0606T Datasheet
332Kb / 1P
Leveline Twinline
V04.21
AXT-0608T FLEXTRAL-AXT-0608T Datasheet
332Kb / 1P
Leveline Twinline
V04.21
More results

Similar Description - AXT

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
HPGV-0000 RALSTON-HPGV-0000 Datasheet
347Kb / 1P
3000 psi (210 bar) HPGV pump
HPGV-1KPSIG-D RALSTON-HPGV-1KPSIG-D Datasheet
365Kb / 2P
HPGV (3000 psi / bar) pump
HPGV-1KPSIG-M RALSTON-HPGV-1KPSIG-M Datasheet
363Kb / 2P
HPGV (3000 psi / 210 bar) pump
HPGV-3KPSIG-D RALSTON-HPGV-3KPSIG-D Datasheet
365Kb / 1P
HPGV (3000 psi / bar) pump
HPGV-3KPSIG-M RALSTON-HPGV-3KPSIG-M Datasheet
363Kb / 2P
HPGV (3000 psi / bar) pump
HPGV-4GBW RALSTON-HPGV-4GBW Datasheet
347Kb / 1P
3000 psi (210 bar) HPGV pump
XREG-3KPSIG RALSTON-XREG-3KPSIG Datasheet
540Kb / 1P
Pneumatic Pressure Regulator (3000 psi / 210 bar) output
NPAK-0004 RALSTON-NPAK-0004 Datasheet
206Kb / 1P
NPAK Overpressure burst disk (3000 psi / 200 pressure range)
NPAK-0035 RALSTON-NPAK-0035 Datasheet
206Kb / 1P
NPAK nitrogen cylinder (15.2 cu. ft / 430 l @ 3000 psi)
XREG-3KPSIG RALSTON-XREG-3KPSIG_16 Datasheet
540Kb / 1P
Outlet pressures up to 3000 psi (210 bar)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com