Electronic Components Datasheet Search
  English  ▼

X  

MBR730 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # MBR730
Description  Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR730 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  MBR730 Datasheet HTML 1Page - Sirectifier Semiconductors MBR730 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR730 thru MBR745
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=125 C
IFSM
Maximum Ratings
7.5
150
A
A
Unit
o
Maximum Forward
Voltage (Note 1)
IF=7.5A @TJ=25 C
IF=7.5A @TJ=125 C
IF=15A @TJ=25 C
IF=15A @TJ=125 C
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
CJ
Typical Junction Capacitance (Note 3)
TJ
Operating Temperature Range
-
0.57
0.84
0.72
0.1
15
3.5
400
-55 to +150
-55 to +175
V
mA
pF
o
o
o
o
o
Typical Thermal Resistance (Note 2)
ROJC
C/W
o
C
o
NOTES: 1. 300us Pulse Width, Duty Cycle 2%.
2. Thermal Resistance Junction To Case.
3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
o
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
Milimeter
Min.
Max.
12.70
14.73
14.23
16.51
9.66
10.66
3.54
4.08
5.85
6.85
2.54
3.42
1.15
1.77
-
6.35
0.64
0.89
4.83
5.33
3.56
4.82
0.38
0.56
2.04
2.49
0.64
1.39
Inches
Min.
Max.
0.500
0.580
0.560
0.650
0.380
0.420
0.139
0.161
2.300
0.420
0.100
0.135
0.045
0.070
-
0.250
0.025
0.035
0.190
0.210
0.140
0.190
0.015
0.022
0.080
0.115
0.025
0.055
Dimensions TO-220AC
C
A
MBR730
MBR735
MBR740
MBR745
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
A=Anode, C=Cathode, TAB=Cathode
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
dv/dt
Voltage Rate Of Change (Rated VR)
10000
V/us
C
o
TSTG
Storage Temperature Range
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AC molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
C(TAB)
C
A


Similar Part No. - MBR730

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR730 DIODES-MBR730 Datasheet
65Kb / 2P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
logo
Micro Commercial Compon...
MBR730 MCC-MBR730 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Microsemi Corporation
MBR730 MICROSEMI-MBR730 Datasheet
131Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
MBR730 DIODES-MBR730 Datasheet
67Kb / 3P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 9 - 2
logo
Shanghai Lunsure Electr...
MBR730 CHENYI-MBR730 Datasheet
72Kb / 2P
7.5Amp schottky barrier rectifier 20to60volts
More results

Similar Description - MBR730

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR540 SIRECTIFIER-MBR540 Datasheet
132Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR560 SIRECTIFIER-MBR560 Datasheet
132Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR580 SIRECTIFIER-MBR580 Datasheet
119Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR750 SIRECTIFIER-MBR750 Datasheet
81Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1030 SIRECTIFIER-MBR1030 Datasheet
81Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1050 SIRECTIFIER-MBR1050 Datasheet
81Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1070CT SIRECTIFIER-MBR1070CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR2530CT SIRECTIFIER-MBR2530CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR3050CT SIRECTIFIER-MBR3050CT Datasheet
103Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1050CT SIRECTIFIER-MBR1050CT Datasheet
254Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com