Electronic Components Datasheet Search
  English  ▼

X  

FC68145 Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # FC68145
Description  DC Power Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC68145 Datasheet(HTML) 2 Page - Electronic Components Ltd.

  FC68145 Datasheet HTML 1Page - Electronic Components Ltd. FC68145 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLIFF
DC Power Connectors
DC-12A PCB
mounting pin / ring
type with switch.
Rated 12V / 5A.
With 2.1mm dia.
pin.
DC-12A (FC681485)
DC-13 panel
mounting pin / ring
type with switch.
Rated 12V / 5A.
DC-13A with 2.1mm
dia. pin. DC-13B
with 2.5mm dia. pin.
DC-13A (FC681492)
DC-13B (FC681493)
DCPP1 DC Line
connector. Rated
12V / 5A. DCPP1
with 2.1mm dia. pin.
DCPP2 with 2.5mm
dia. pin.
DCPP1 (FC68147)
DCPP2 (FC681471)
DCPP3 DC Line
connector. Rated
12V / 5A. With
1.3mm dia. pin
DCPP3 (FA67555)
PC LAYOUT
CCB-1 9V Battery
connector. Cable
length 220mm.
Tough molded body.
CCB-1A ‘T’ Type
Cable length
220mm.
CCB-1 (FC6830)
CCB-1A (FC6831)
Drawings available on request. Contact sales@cliffuk.co.uk
Please note we can also supply DC Plugs moulded onto cable as custom products.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com