Electronic Components Datasheet Search
  English  ▼

X  

FC681446 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC681446
Description  DC Power Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC681446 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC681446 Datasheet HTML 1Page - Electronic Components Ltd. FC681446 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-8 PCB mounting
pin ring type. Rated
12V / 1A. Minature
version for PCB
mounting. 1.3mm
dia. pin.
DC-8 (FC68145)
pin / ring type with
switch. Rated 12V /
5A. DC10A with
2.1mm dia. pin.
DC10B with 2.5mm
dia. pin.
DC-10A (FC68148)
DC-10B (FC68149)
CLIFF DC Power Connectors
The
CLIFF® range of DC Power Connectors comprise several different models for chassis
mounting and horizontal or vertical PCB mounting. Our products are manufactured to strict quality
and performance standards. All plastic parts are minimum UL-94HB for toughness and durability.
The standard colour is Black and some models are available with a choice of pin diameters
and switched contacts. Typical applications include portable equipment of all types, signal
processors, power supplies etc.
DC-9 PCB mounting
pin ring type with
switch. Rated 12V /
5A. DC9 with 2.1mm
dia. pin. DC9A with
2.5mm dia. pin.
DC-9 (FC68146)
DC-9A (FC681461)
DC-10 PCB mounting
SCD-026 chassis
mounting.
SCD - 026 with
2.1mm dia. pin.
SCD - 026A with
2.5mm dia. pin.
SCD-026 (FC681445)
SCD-026A (FC681446)
Cliff Electronic Components, Ltd.
76 Holmethorpe Avenue, Holmethorpe Ind. Est.
Redhill, Surrey RH1 2PF. England
Tel: +44 (0) 1737 771375
Fax: +44 (0) 1737 766012
Email: sales@cliffuk.co.uk
PC LAYOUT
PC LAYOUT
PC LAYOUT
Visit us online at:
w w w . c l i f f u k . c o . u k


Similar Part No. - FC681446

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC681446 CLIFF-FC681446 Datasheet
467Kb / 2P
DC Power Connectors
More results

Similar Description - FC681446

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
DC-DC Power Supplies
WF100 XPPOWER-WF100_13 Datasheet
297Kb / 2P
DC-DC Power Supplies
logo
List of Unclassifed Man...
KPJX-PM-4S ETC2-KPJX-PM-4S Datasheet
2Mb / 2P
DC POWER CONNECTORS
KPJX-PM-3S-S ETC2-KPJX-PM-3S-S Datasheet
510Kb / 1P
DC POWER CONNECTORS: KPJX-PM Series
KLDHCX-0202-B ETC2-KLDHCX-0202-B Datasheet
912Kb / 1P
DC POWER CONNECTORS KLDX Series
KPJX-CM-4S ETC2-KPJX-CM-4S Datasheet
2Mb / 3P
DC POWER CONNECTORS
KLDX-0201-BC ETC2-KLDX-0201-BC Datasheet
931Kb / 2P
DC POWER CONNECTORS: KLDX Series PCB Mount DC Power Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com