Electronic Components Datasheet Search
  English  ▼

X  

ISL28633 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL28633
Description  5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28633 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL28633 Datasheet HTML 19Page - Renesas Technology Corp ISL28633 Datasheet HTML 20Page - Renesas Technology Corp ISL28633 Datasheet HTML 21Page - Renesas Technology Corp ISL28633 Datasheet HTML 22Page - Renesas Technology Corp ISL28633 Datasheet HTML 23Page - Renesas Technology Corp ISL28633 Datasheet HTML 24Page - Renesas Technology Corp ISL28633 Datasheet HTML 25Page - Renesas Technology Corp ISL28633 Datasheet HTML 26Page - Renesas Technology Corp ISL28633 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
FN8364 Rev.2.02
Page 23 of 30
Jun 4, 2020
FIGURE 63. OP AMP GAIN vs FREQUENCY
FIGURE 64. OP AMP CAPACITIVE LOAD vs FREQUENCY
FIGURE 65. OP AMP POWER SUPPLY REJECTION RATIO
FIGURE 66. OP AMP POWER SUPPLY REJECTION RATIO
FIGURE 67. OP AMP SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 68. OP AMP LARGE SIGNAL TRANSIENT RESPONSE
Typical Operational Amplifier Performance Curves T
A = +25°C, VCM = Mid Supply, unless
otherwise specified. (Continued)
FREQUENCY (Hz)
10
100
1k
10M
1M
10k
100k
30
40
50
60
70
80
-10
0
10
20
AV = 1000
AV = 100
AV = 10
AV = 1
RG = 10k, RF = 100k
RG = 1k, RF = 100k
RG = 100, RF = 100k
RG = OPEN, RF = 0
Vs = ± 2. 5V
RL = 10kΩ
FREQUENCY (Hz)
2
4
6
8
10
12
14
-6
-4
-2
0
2
1k
10M
1M
10k
100k
0pF
470pF
1000pF
100pF
Vs = ± 2. 5V
RL = 10kΩ
AV = 1
47pF
60
80
100
120
0
20
40
FREQUENCY (Hz)
10
100
1k
10M
1M
10k
100k
Vs = ± 2. 5VDC
AV = 1
60
80
100
120
140
0
20
40
FREQUENCY (Hz)
10
100
1k
10M
1M
10k
100k
Vs = ± 2. 5VDC
AV = 1
TIME (µs)
-1
0
1
3
4
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
-0.08
-0.06
-0.04
2
Vs = ± 2. 5VDC
RL = OPEN
VOUT = 100mVP-P
TIME (µs)
0
0.5
1.0
1.5
-1.5
-1.0
-0.5
AV = 1
AV = 10
-10
0
10
20
30
40
Vs = ± 1.25VDC
RL = OPEN
VOUT = 2VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com