Electronic Components Datasheet Search
  English  ▼

X  

A12GSB Datasheet(PDF) 1 Page - Optronics International

Part # A12GSB
Description  Grommets and Brackets for 3/4" Round Sealed Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A12GSB Datasheet(HTML) 1 Page - Optronics International

  A12GSB Datasheet HTML 1Page - Optronics International A12GSB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
3/4” MOUNTING ACCESSORIES
Grommets and Brackets for 3/4” Round Sealed Lights
PVC grommets for recess mount of 3/4” round lights
Snap­in mounting flange for secure installation
Stainless steel trim ring covers grommet
Surface mount bracket
License plate light brackets for use with LPL12CB
Reflectors for marker/clearance lights
Available in bulk and polypack packaging
Products
Bulk
Polypack
Diodes
Description
Qty
A123GSB
A123GSBP
Grommet for 3/4" lights, molded visor
100
A125GB
A125GBP
Accessory/Replacement Grommet for MCL16T
1.25"
A134GB
A134GBP
1.22" diameter grommet for 3/4" lights
100
A11GB
A11GBP
Standard grommet for 3/4" lights
100
A11G1B
A11G1BP
Softer durometer grommet for 3/4" lights
100
A11GPCB
A11GPCBP
Brush guard bracket for 3/4"
marker/clearance light, surface mount
40
A12GB
A12GBP
Sealing grommet for 3/4" lights, for material
thickness .070­.125”
100
A12GSB
A12GSBP
Sealing grommet for 3/4" lights, for material
thickness .070­.125”, softer durometer
100
A14GB
A14GBP
Sealing grommet for 3/4" lights, for material
thickness .125­.250”
100
A10GB
A10GBP
Sealing grommet for MCL11 series 3/4" lights
100
A11PB
A11PBP
Snap­in mounting flange for 3/4" lights
100
A10BB
A10BBP
Surface mount black bracket for 3/4"
marker/clearance light
100
A11CRB
A11CRBP
Chrome finish cover for A11GB 3/4" grommet
120
A11SSB
A11SSBP
Stainless steel trim ring for 3/4" lights
120
A11BLPB
A11BLPBP
Flush mount license light bracket for 3/4"
lights, black
50
A12B2LPB
A12B2LPBP
Vertical bracket for 3/4" license lights, black
50
A12GLPB
A12GLPBP
DISCONTINUED ­ Grommet for use with
A12B2LPB bracket
50
A11DB
A11DBP
DISCONTINUED ­ Adaptor for 3/4"
marker/clearance lights, covers 2.5­in. hole
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
A11AXB
A11AXBP
Yellow oval reflector for 3/4” lights, self
adhesive
100
A11RXB
A11RXBP
Red oval reflector for 3/4” lights, self adhesive
100
Specifications
FMVSS:
MATERIALS:
Various
VOLT/AMP:
WT/DIMS:
Various
WARRANTY:
Three Year Warranty


Similar Part No. - A12GSB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
113Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A12 DBLECTRO-A12 Datasheet
218Kb / 1P
DIP PLUG LOW PROFILE
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A12 MA-COM-A12 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Texas Instruments
A12 TI1-A12 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - A12GSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Hammond Manufacturing L...
18S20 HAMMOND-18S20 Datasheet
133Kb / 2P
Terminal Straps and Brackets
logo
List of Unclassifed Man...
G1329 ETC2-G1329 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
SICK AG
BEF-2SMGEAAL2 SICK-BEF-2SMGEAAL2 Datasheet
272Kb / 3P
Terminal and alignment brackets
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-AH-DX50 SICK-BEF-AH-DX50 Datasheet
446Kb / 4P
Terminal and alignment brackets
BEF-FL-BYRD40-LFP1 SICK-BEF-FL-BYRD40-LFP1 Datasheet
220Kb / 3P
Terminal and alignment brackets
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
logo
Banner Engineering Corp...
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com