Electronic Components Datasheet Search
  English  ▼

X  

JS48F4400P0RFC0 Datasheet(PDF) 91 Page - Numonyx B.V

Part # JS48F4400P0RFC0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFC0 Datasheet(HTML) 91 Page - Numonyx B.V

Back Button JS48F4400P0RFC0 Datasheet HTML 87Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 88Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 89Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 90Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 91Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 92Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 93Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 94Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 95Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 139 page
background image
April 2008
Datasheet
309823-10
91
Numonyx™ StrataFlash® Cellular Memory (M18)
Section 6.0, “Flow Charts” on page 41 contains a flow chart of the BEFP operation.
Table 40, “BEFP Requirements and Considerations” on page 91 lists specific BEFP
requirements and considerations.
Note:
For BEFP voltage and temperature operating restrictions, see the datasheet. The block
erase cycles in Table 40, “BEFP Requirements and Considerations” are recommended
for optimal performance. If exceeded some degradation in performance may occur;
however, the internal algorithm will still function correctly.
9.6.3.1
Setup Phase
Issuing the BEFP Setup and Confirm command sequence starts the BEFP algorithm. The
read mode of the addressed partition is automatically changed to Read Status Register
mode.
The address used when issuing the setup/confirm commands must be buffer-size
aligned within the block being programmed -- buffer contents cannot cross block
boundaries.
Caution:
The Read Status Register command must not be issued -- it will be interpreted
as data to be written to the write buffer.
A setup delay (tBEFP/Setup) occurs while the internal algorithm checks VPP and block-lock
status. If errors are detected, the appropriate Status Register error bits are set and the
operation aborts.
The Status Register should be polled for successful BEFP setup, indicated by SR[7,0] =
0 (Device Busy, Buffer Ready for Data).
9.6.3.2
Program/Verify Phase
Data is first written into the write buffer, then programmed into the flash array. During
the buffer-fill sequence, the address used must be buffer-size aligned. Use of any other
address will cause the operation to abort with a program fail error, and any data
previously loaded in the buffer will not be programmed into the array.
The buffer-fill data is stored in sequential buffer locations starting at address 00h. A
word count equal to the maximum buffer size is used, therefore, the buffer must be
completely filled. If the amount of data is less than the maximum buffer size, the
remaining buffer locations must be “padded” with FFFFh to completely fill the buffer.
Flash array programming starts as soon as the write buffer is full. Data words from the
write buffer are programmed into sequential array locations. SR0 = 1 indicates the
write buffer is not available while the BEFP algorithm programs the array.
Table 40: BEFP Requirements and Considerations
BEFP Requirements
Temperature (TCASE) must be 25 °C, ± 5 °C
Voltage on VCC must be within the allowable operating range
Voltage on VPP must be within the allowable operating range
Block being programmed must be erased and unlocked
BEFP Considerations
Block cycling below 100 erase cycles
Reading from another partition during EFP (RWW) is not allowed
BEFP programs within one block at a time
BEFP cannot be suspended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com