Electronic Components Datasheet Search
  English  ▼

X  

AL90AB Datasheet(PDF) 2 Page - Optronics International

Part # AL90AB
Description  FLEET Count LED Mini Thinline Sealed Marker/Clearance Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

AL90AB Datasheet(HTML) 2 Page - Optronics International

  AL90AB Datasheet HTML 1Page - Optronics International AL90AB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
AL90 SERIES
FLEET Count LED Mini Thinline Sealed
Marker/Clearance Lights
Sonically sealed, waterproof 
Accept standard 1­ or 2­wire plugs
Single wire design grounds through mounting hardware
Two­wire design includes both lead and ground wire for mounting to all surfaces
Available in bulk, polypack and retail packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
AL90AB
AL90ABP
1
Yellow marker/clearance light
50
AL90AWB
1
Yellow marker/clearance light, pigtail with
small Molex female pins
AL90RB
AL90RBP
1
Red marker/clearance light
50
AL90AK
1
Retail kit: Yellow marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
12
AL90AK6
1
Retail kit: Yellow marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
6
AL90RK
1
Retail kit: Red marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
12
AL90RK6
1
Retail kit: Red marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
6
AL82AB
AL82ABP
3
DISCONTINUED ­ PC rated yellow
marker/clearance light, hard wired
(black=power, white=ground)
50
AL82RB
AL82RBP
3
DISCONTINUED ­ PC rated red
marker/clearance light, hard wired
(black=power, white=ground)
50
AL90RCB
AL90RCBP
1
DISCONTINUED (see AL90RB) ­ Clear lens red
marker/clearance light
50
AL90AS
1
DISCONTINUED (see AL90AK) ­ Retail pack:
Yellow marker/clearance light, clam
12
AL90RS
1
DISCONTINUED (see AL90RK) ­ Retail pack:
Red marker/clearance light, clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
A91BB
A91BBP
Black base for mini sealed lights, self grounding
100
A91BOB
A91BOBP
Black base for mini sealed lights, open back
100
A91CB
A91CBP
Chrome base for mini sealed lights, self
grounding
100
A91OB
A91OBP
Chrome base for mini sealed lights, open back
100
A91GB
A91GBP
Flush mount grommet for mini sealed lights,
black
100
A91LW
A91LWP
Single­wire pigtail with .156 molded male bullet,
12” black wire
100
A46PB
A46PBP
Right angle 2­wire pigtail with PL­10 plug, 6”
leads, 4.25mm eyelet on ground wire
100
A86PB
A86PBP
Right angle 2­wire pigtail with PL­10 plug, 18”
leads, 5.5mm eyelet on ground wire
100
Specifications
FMVSS:
P2
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.023A
WT/DIMS:
.044 lbs. / 2.5” x 1.25” x 1”
WARRANTY:
Lifetime LED Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com