Electronic Components Datasheet Search
  English  ▼

X  

MCL96AB Datasheet(PDF) 2 Page - Optronics International

Part # MCL96AB
Description  LED Mini Thinline Sealed Marker/Clearance Lights - PC Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

MCL96AB Datasheet(HTML) 2 Page - Optronics International

  MCL96AB Datasheet HTML 1Page - Optronics International MCL96AB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
AL91 SERIES
LED Mini Thinline Sealed Marker/Clearance Lights ­ PC
Rated
Sonically sealed, waterproof
Standard models accept standard 1­ or 2­wire plugs
Hard wired design available in 1­ and 2­wire models
Single wire design grounds through mounting hardware
Two­wire design includes both lead and ground wire for mounting to all surfaces
PC rated light functions as both clearance and side marker light when properly mounted
on a 45 degree angle
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
AL91AB
AL91ABP
3
PC rated yellow marker/clearance light
50
AL91A1224B
AL91A1224BP
3
PC rated yellow marker/clearance light, 12­
24V
50
MCL91AB
MCL91ABP
3
Kit: PC rated yellow marker/clearance light
with A91CB self grounding chrome base
and A91LW single wire pigtail
50
MCL96AB
MCL96ABP
3
P2 rated yellow marker/clearance light kit
with self­grounding black base, hard wired
(black=power)
50
AL91RB
AL91RBP
3
PC rated red marker/clearance light
50
MCL91RB
MCL91RBP
3
Kit: PC rated red marker/clearance light
with A91CB chrome base and A91LW
pigtail
50
MCL96RB
MCL96RBP
3
P2 rated red marker/clearance light kit with
self­grounding black base, hard wired
(black=power)
50
MCL91AK
3
Retail kit: P2 rated yellow marker/clearance
light kit with A91CB self­grounding chrome
base and A91LW single wire pigtail, clam
12
MCL91RK
3
Retail kit: P2 rated red marker/clearance
light kit with A91CB self­grounding chrome
base and A91LW single wire pigtail, clam
12
AL91CAB
AL91CABP
3
DISCONTINUED ­ PC rated clear lens yellow
marker/clearance light
50
MCL90AS
3
DISCONTINUED (see MCL91AK) ­ Retail
pack: P2 rated yellow marker/clearance
light only, clam
12
MCL90RS
3
DISCONTINUED (see MCL91RK) ­ Retail
pack: P2 rated red marker/clearance light
only, clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
A91BB
A91BBP
Black base for mini sealed lights, self grounding
100
A91BOB
A91BOBP
Black base for mini sealed lights, open back
100
A91CB
A91CBP
Chrome base for mini sealed lights, self
grounding
100
A91OB
A91OBP
Chrome base for mini sealed lights, open back
100
A91GB
A91GBP
Flush mount grommet for mini sealed lights,
black
100
A91LW
A91LWP
Single­wire pigtail with .156 molded male bullet,
12” black wire
100
A46PB
A46PBP
Right angle 2­wire pigtail with PL­10 plug, 6”
leads, 4.25mm eyelet on ground wire
100
A86PB
A86PBP
Right angle 2­wire pigtail with PL­10 plug, 18”
leads, 5.5mm eyelet on ground wire
100
Specifications
FMVSS:
PC
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.051A
WT/DIMS:
.088 lbs. / 2.5” x 1.25” x 1”
WARRANTY:
Lifetime LED Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com