Electronic Components Datasheet Search
  English  ▼

X  

AL82AB Datasheet(PDF) 1 Page - Optronics International

Part # AL82AB
Description  FLEET Count LED Mini Thinline Sealed Marker/Clearance Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

AL82AB Datasheet(HTML) 1 Page - Optronics International

  AL82AB Datasheet HTML 1Page - Optronics International AL82AB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
AL90 SERIES
FLEET Count LED Mini Thinline Sealed
Marker/Clearance Lights
Sonically sealed, waterproof 
Accept standard 1­ or 2­wire plugs
Single wire design grounds through mounting hardware
Two­wire design includes both lead and ground wire for mounting to all surfaces
Available in bulk, polypack and retail packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
AL90AB
AL90ABP
1
Yellow marker/clearance light
50
AL90AWB
1
Yellow marker/clearance light, pigtail with
small Molex female pins
AL90RB
AL90RBP
1
Red marker/clearance light
50
AL90AK
1
Retail kit: Yellow marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
12
AL90AK6
1
Retail kit: Yellow marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
6
AL90RK
1
Retail kit: Red marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
12
AL90RK6
1
Retail kit: Red marker/clearance light with
A91BB base and A91LW pigtail (single wire,
self grounding, black = power), clam
6
AL82AB
AL82ABP
3
DISCONTINUED ­ PC rated yellow
marker/clearance light, hard wired
(black=power, white=ground)
50
AL82RB
AL82RBP
3
DISCONTINUED ­ PC rated red
marker/clearance light, hard wired
(black=power, white=ground)
50
AL90RCB
AL90RCBP
1
DISCONTINUED (see AL90RB) ­ Clear lens red
marker/clearance light
50
AL90AS
1
DISCONTINUED (see AL90AK) ­ Retail pack:
Yellow marker/clearance light, clam
12
AL90RS
1
DISCONTINUED (see AL90RK) ­ Retail pack:
Red marker/clearance light, clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
A91BB
A91BBP
Black base for mini sealed lights, self grounding
100
A91BOB
A91BOBP
Black base for mini sealed lights, open back
100
A91CB
A91CBP
Chrome base for mini sealed lights, self
grounding
100
A91OB
A91OBP
Chrome base for mini sealed lights, open back
100
A91GB
A91GBP
Flush mount grommet for mini sealed lights,
black
100
A91LW
A91LWP
Single­wire pigtail with .156 molded male bullet,
12” black wire
100
A46PB
A46PBP
Right angle 2­wire pigtail with PL­10 plug, 6”
leads, 4.25mm eyelet on ground wire
100
A86PB
A86PBP
Right angle 2­wire pigtail with PL­10 plug, 18”
leads, 5.5mm eyelet on ground wire
100
Specifications
FMVSS:
P2
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.023A
WT/DIMS:
.044 lbs. / 2.5” x 1.25” x 1”
WARRANTY:
Lifetime LED Warranty


Similar Part No. - AL82AB

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
AL8 RICHCO-AL8 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
Schneider Electric
AL800M23K SCHNEIDER-AL800M23K Datasheet
81Kb / 1P
PowerPact M, P-FRAME MOULDED CASE CIRCUIT BREAKER MECHANICAL LUG KIT
Aug 9, 2019
AL800P6K SCHNEIDER-AL800P6K Datasheet
72Kb / 1P
PowerPact M, P-FRAME MOULDED CASE CIRCUIT BREAKER MECHANICAL LUG KIT
Aug 9, 2019
AL800P6K4 SCHNEIDER-AL800P6K4 Datasheet
73Kb / 1P
PowerPact M, P-FRAME MOULDED CASE CIRCUIT BREAKER 800A MECHANICAL LUG KIT (3)
Aug 9, 2019
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results

Similar Description - AL82AB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com