Electronic Components Datasheet Search
  English  ▼

X  

LA4 Datasheet(PDF) 2 Page - Clarke International

Part # LA4
Description  LEAD ACID BATTERY CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

LA4 Datasheet(HTML) 2 Page - Clarke International

  LA4 Datasheet HTML 1Page - Clarke International LA4 Datasheet HTML 2Page - Clarke International LA4 Datasheet HTML 3Page - Clarke International LA4 Datasheet HTML 4Page - Clarke International LA4 Datasheet HTML 5Page - Clarke International LA4 Datasheet HTML 6Page - Clarke International LA4 Datasheet HTML 7Page - Clarke International LA4 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Battery Charger.
Please read this manual thoroughly, before attempting to operate, and care-
fully follow all instructions given.
It is vitally important that ALL precautions are taken, as specified, which will not
only provide protection for yourself and that of others around you, but will also
ensure that the Battery Charger will give you long and satisfactory service.
This Battery Charger is limited to use with 12V Lead Acid Batteries ONLY.
DO NOT attempt to charge other types of battery
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the obli-
gation to deal with the WEEE in accordance with the WEEE regula-
tions in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with
general household waste. It must be disposed of according to the
laws governing Waste Electrical and Electronic Equipment (WEEE) at a recogn-
ised disposal facility.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com