Electronic Components Datasheet Search
  English  ▼

X  

CWGC1000 Datasheet(PDF) 2 Page - Clarke International

Part # CWGC1000
Description  GANTRY CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWGC1000 Datasheet(HTML) 2 Page - Clarke International

  CWGC1000 Datasheet HTML 1Page - Clarke International CWGC1000 Datasheet HTML 2Page - Clarke International CWGC1000 Datasheet HTML 3Page - Clarke International CWGC1000 Datasheet HTML 4Page - Clarke International CWGC1000 Datasheet HTML 5Page - Clarke International CWGC1000 Datasheet HTML 6Page - Clarke International CWGC1000 Datasheet HTML 7Page - Clarke International CWGC1000 Datasheet HTML 8Page - Clarke International CWGC1000 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Gantry Crane.
Before attempting to operate the product, it is essential that you read this
manual thoroughly and carefully follow all instructions given. In doing so you
will ensure the safety of yourself and that of others around you, and you can
also look forward to the product giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Widths are shown between the narrowest points (castor plates), and between
the uprights.
Model
CWGC1000
Max Capacity (SWL)
1000 kg (1 Tonne)
Net Weight
128 kg
Dimensions (L x W x H)
2600 x 1200 x 3720/2520 (max/min. height)
Maximum lift height
3600 mm
Minimum lift height
2395 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com